Electronic Components Datasheet Search
  English  ▼

X  

WCB201 Datasheet(PDF) 21 Page - Wavelength Electronics, Inc.

Part # WCB201
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

WCB201 Datasheet(HTML) 21 Page - Wavelength Electronics, Inc.

Back Button WCB201 Datasheet HTML 17Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 18Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 19Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 20Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 21Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 22Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 23Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 24Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 25Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2025
www.teamWavelength.com
21
LDD P SERIES LASER DIODE DRIVER
PERFORMANCE GRAPHS
TesT seTuP
The wiring diagram for testing setup is shown in
Figure 35 below. The Timing Characteristics (page 6) and the Typical
Performance Graphs (
page 22 and page 23) data were taken using this setup.
CURRENT
FEEDBACK
LASER DIODE
DRIVER
CURRENT
MONITOR
MOD
GND
1
2
3
4
V+
5
6
7
8
FEED
BACK
LD ANODE
LD
CATHODE
V+
LDD 1P Models
- +
TEST LOAD
CURRENT
FEEDBACK
LASER DIODE
DRIVER
CURRENT
MONITOR
MOD
GND
1
2
3
4
V+
5
6
7
8
FEED
BACK
LD
CATHODE
LD
ANODE
0.1 µF
V+
LDD 2P Models
- +
V+
+
-
10kΩ
10kΩ
10kΩ
10kΩ
0.1 µF
RAIL TO
RAIL OUTPUT
OPAMP
1/2 AD8032
Silicon Diode
(1N4001)
Silicon Diode
(1N4001)
1Ω
TEST LOAD
Silicon Diode
(1N4001)
Silicon Diode
(1N4001)
1Ω
Switch
OPEN
CLOSED
Output
Off
On
Switch
OPEN
CLOSED
Output
Off
On
Figure 35. Testing setup used for Timing Characteristics and Performance Graphs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com