Electronic Components Datasheet Search
  English  ▼

X  

WCB201 Datasheet(PDF) 25 Page - Wavelength Electronics, Inc.

Part # WCB201
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

WCB201 Datasheet(HTML) 25 Page - Wavelength Electronics, Inc.

Back Button WCB201 Datasheet HTML 20Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 21Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 22Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 23Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 24Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 25Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 26Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 27Page - Wavelength Electronics, Inc. WCB201 Datasheet HTML 28Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
© 2025
www.teamWavelength.com
25
LDD P SERIES LASER DIODE DRIVER
TROUBLESHOOTING
PROBLEM
POTENTIAL CAUSES
SOLUTIONS
Driver will not switch on
Improperly configured power
supply
Carefully check the wiring diagram according to
Table 1 or Table 2,
depending on model.
Pins 3 and 4 not shorted
Laser output power too
low
Laser current setpoint too low
Increase the setpoint either by adjusting the OUTPUT ADJUST
trimpot clockwise, or by decreasing the signal voltage on MOD
INPUT (pin 3).
Laser current limit too low
Refer to
page 11 for instructions on setting the laser driver current
limit.
Laser driver is compliance
limited
Check the laser diode specifications to determine the forward
voltage (V
F). Make sure that the LDD P is not compliance limited.
Refer to the Electrical Specifications table on
page 5. If the
driver is compliance limited, V+ may need to be increased.
Verify that the LDD P will be operating within the Safe Operating
Area if V+ is increased.
Modulation is not working
Laser current setpoint is too
low
Modulation input on the LDD P is accomplished by subtracting from
the laser setpoint. If the current setpoint is too low, the modulation
can drive the current to the laser to zero. If the current setpoint is set
to zero, no modulation is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com