Electronic Components Datasheet Search
  English  ▼

X  

PLDSERIES Datasheet(PDF) 15 Page - Wavelength Electronics, Inc.

Part # PLDSERIES
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLDSERIES Datasheet(HTML) 15 Page - Wavelength Electronics, Inc.

Back Button PLDSERIES Datasheet HTML 11Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 12Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 13Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 14Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 15Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 16Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 17Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 18Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 19Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
© 2020
www.teamWavelength.com
15
PLD SERIES LASER DIODE DRIVER
CHANGE THE ANALOG INPUT MODULATION
TRANSFER FUNCTION
The Analog Input modulation transfer function can be
changed by adding a voltage divider resistor network
external to the PLD driver.
Figure 15 illustrates a simple
circuit.
R2
ANALOG
INPUT
V
COMMON
Keep R1 and R2 below 100 kΩ
for maximum accuracy.
IN
R1
R2 + R1
R2
New
Transfer
Function
Old Transfer Function
=
*
Example:
(for PLD-200)
R1 = 9 kΩ
R2 = 1 kΩ
1 + 9
1
New
Transfer
Function
40 mA / V = 4 mA / V
=
*
Figure 15. Changing the Analog Input
Modulation Transfer Function
EXTERNAL SETPOINT CIRCUIT
An external trimpot circuit can be used to adjust the laser
current setpoint; refer to
Figure 16.
R1
R2
D1
Analog Input
Pin 12
V+5V
Common
Pin 6
* Use an LM4040-2.5 with a +5 V supply for a
0 to 2.5 V external setpoint signal
* V
+5V must be at least 1 volt greater than the voltage value of D1.
V
+5V = Supply voltage (5 to 30 V)
D1 = Bandgap reference * (LM4040D50)
R1 = 2.2 kΩ, 1 W resistor
R2 = Trimpot, 10 kΩ to 100 kΩ
Figure 16. Trimpot Circuit for Analog Input
IMPORTANT INFORMATION ON GROUNDING
Some laser diodes connect the laser anode or cathode to
the case. In such cases special attention must be paid to
grounding to ensure safe operation of the PLD and laser.
!
It is critical that the PLD Driver is properly
grounded. If the PLD Driver is used with a
WavelengthElectronicstemperaturecontroller,
youmayneedtousetwoseparatepowersupplies
that float independently of each other.
If the laser anode is connected to the laser case, it is possible
that the anode will be connected to earth ground when
the laser is installed in a benchtop mount or in your laser
system. In situations where the laser diode is connected to
the case, it is critical that the negative terminal of the power
supply remain isolated from earth ground.
GROUND THE FAN ON THE PLD1250,
PLD5000, AND PLD6500
The PLD1250, PLD5000, and PLD6500 models are
equipped with a fan that cools the heatsink. The fan in some
cases may create electrical noise. To reduce the electrical
noise level you must connect the heatsink to earth/chassis
ground or the system ground (power supply common). To
ground the heatsink you need to connect ground to the
tapped hole in the bottom of the heatsink.
FINE TUNE DEEP MODULATION
If the analog modulation input is near the rail (>4.5 V), output
current signal response may be insufficient. Performance
may be improved by connecting a quality low-ESR 330 µF,
16 V electrolytic capacitor between the power terminals
(Pins 10 and 11). This decoupling capacitor should be
directly connected at the driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com