Electronic Components Datasheet Search
  English  ▼

X  

PLDSERIES Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # PLDSERIES
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLDSERIES Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  PLDSERIES Datasheet HTML 1Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 2Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 3Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 4Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 5Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 6Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 7Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 8Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© 2020
www.teamWavelength.com
4
PLD SERIES LASER DIODE DRIVER
QUICK CONNECT GUIDE, CONTINUED
CONSTANT POWER TEST LOADS
These loads are intended to operate at around 500-750 µA
of photodiode current at a laser diode drive current of
approximately 50% of the maximum laser diode current for
each model of PLD.
To achieve this the circuit components must be changed
specific to each PLD model. The following table shows the
component values that should be used.
The R
E resistor will typically produce a load voltage of 2.25 V
to 4.25 V, depending on the PLD model being used. Adjust
R
L to change the compliance voltage of the load and change
R
E to adjust the “sensitivity” of the simulated photodiode.
PLD
MODEL
R
L
(Ω)
V
RL
(V)
R
E
(Ω)
D1, D2
V
PIN12-PIN13
(V)
PLD200
12
1.2
1.2K
1N4001
2.56
PLD500
6
1.5
1.2K
1N4001
2.86
PLD1250 2
1.25
1.2K
80SQ035
2.25
PLD5000 1
2.5
3.65K
80SQ035
3.5
PLD6500 1
3.25
5.1K
80SQ035
4.25
Figure 5 illustrates a test load that can be used to operate
the PLD in Constant Power mode to simulate use with type
A/B lasers.
Figure 5. Constant Power Mode Test Load,
Type A/B Lasers
Figure 6 illustrates a test load that can be used to operate
the PLD in Constant Power mode to simulate use with a
type C laser.
The PLD series can operate in Constant Power mode
assuming that the user provides a PD auxiliary supply
voltage (PDAUX) separate from the laser diode power
supply. The PDAUX voltage must be approximately 2 V
greater than the LD supply voltage.
Figure 6. Constant Power Mode Test Load,
Type C Lasers
13
R
E
NOTE: Jumper PD Aux (pin 2) and PDA (pin 14)
D1
D2
2N3904
15
12
R
L
0.33 µF
PD CATHODE
LD ANODE
LD CATHODE
R
L
D1
D2
LD ANODE
0.33 µF
14
12
13
R
E
PD ANODE
LD CATHODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com