Electronic Components Datasheet Search
  English  ▼

X  

TC15 LAB Datasheet(PDF) 19 Page - Wavelength Electronics, Inc.

Part # TC15 LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC15 LAB Datasheet(HTML) 19 Page - Wavelength Electronics, Inc.

Back Button TC15 LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19
SHUTDOWN THE INSTRUMENT
If the Enable button is illuminated, current is still flowing to
the test load. Before shutting down, the current needs to be
turned off.
1. Press the
Enable button. The button light will turn off and
current to the test load will stop.
2. On the front panel, press the
Power button. The
touchscreen will go black but the button light slowly
pulses blue to indicate that the back Power button is still
on.
NOTE: Turning off only the front
Power button puts the
instrument in Standby mode.
3. On the back panel, press the
Power switch to the O
position. The instrument will shut down.
UPDATE THE FIRMWARE
The firmware can be updated on the instrument using a USB
flash drive.
1. On the Wavelength Electronics website, navigate to one
of the following download locations:
»
The Temperature Controller tab on the Support
Software Download page.
»
Download & Design Tools tab on theTC10 LAB or
TC15 LAB product pages.
NOTE: Use Firmware Version 2.01 and later for TC
LAB Revision D.
Use Firmware Version 1.99 for TC LAB Revisions A - C.
To determine the revision of the TC LAB, the third
character in the Serial Number (
Figure 31) indicates the
instrument revision. In
Figure 31 the revision is A.
Installing the wrong revision of firmware will require
recalibration at the factory.
2. Save the file to the hard drive of a computer.
3. Extract the files from the ZIP file downloaded from the
website. This can be done in Windows by right clicking
on the ZIP file, and clicking
Extract All.
4. Copy the files to a USB flash drive.
5. Verify on the flash drive that the files are present. There
should be a subfolder named TCxx-LAB, and a file
named INSTALL.INI in the root of the flash drive.
6. Eject the flash drive from the computer.
7. Turn the instrument completely off at the rear panel.
8. Insert the USB flash drive into the front Data Port and
turn on the rear power switch.
9. Follow the onscreen instructions to install the update.
When notified on the screen that the installation is
complete, remove the flash drive and then click OK to
reboot the instrument.
DETERMINE WHICH FIRMWARE
VERSION IS INSTALLED
With the rear and front panel power switches on, swipe the
touchscreen from left to right to show the System Information
Screen.
Figure 31. System Information Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com