Electronic Components Datasheet Search
  English  ▼

X  

TC15 LAB Datasheet(PDF) 28 Page - Wavelength Electronics, Inc.

Part # TC15 LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC15 LAB Datasheet(HTML) 28 Page - Wavelength Electronics, Inc.

Back Button TC15 LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 24Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 25Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 26Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 27Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 28Page - Wavelength Electronics, Inc. TC15 LAB Datasheet HTML 29Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
28
CE DECLARATION OF CONFORMITY
CONFORMING PRODUCTS
MODEL NUMBER
PRODUCT
TC15 LAB
15 A, 20 V Temperature Controller Instrument
TC10 LAB
10 A, 15 V Temperature Controller Instrument
DECLARATION
The undersigned hereby declares, on behalf of Wavelength Electronics, Inc. (Wavelength) of Bozeman, Montana, that the
products listed in the table above, to which this Declaration applies, are in conformity with the provisions of:
APPLICABLE REGULATIONS
• European Council Directive 2014/30/EC (26 February, 2014) on Electromagnetic Compatibility, tested to:
»
IEC 61000-3-2 and IEC 61000-3-3
»
IEC 61000-4-2, IEC 61000-4-3, IEC 61000-4-4, IEC 61000-4-5, IEC 61000-4-6, and IEC 61000-4-8
• European Council Directive 2014/35/EC (26 February, 2014) on Low-Voltage Equipment Safety, tested to:
»
IEC 61010-1
»
IEC 61010-2-030 (Particular requirements for testing and measurement circuits)
• European Council Directive 2015/863EU to amend Annex II to EU RoHS 2 (Directive 2011/65/EU) on Restriction of the
use of certain hazardous substances in electrical and electronic equipment (recast) and the consolidated version of 24
June 2015
• Commission Delegated Directive (EU) 2016/585 of 12 February 2016 amending Annex IV to Directive 2011/65/EU
TECHNICAL FILE
The Technical Construction Files for the listed products, as required by this Declaration, are maintained at Wavelength corporate
headquarters: 51 Evergreen Drive, Bozeman, Montana.
8-July-16
Mary Johnson, CEO
Date



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com