Electronic Components Datasheet Search
  English  ▼

X  

WME-2M2DFB Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # WME-2M2DFB
Description  Signal Tower
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

WME-2M2DFB Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  WME-2M2DFB Datasheet HTML 1Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 2Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 3Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 4Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 5Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 6Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 7Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 8Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 9Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
[General Specifications]
White
Per LED Unit
Blue
1.3W
1.0W
35mA
29mA
Green
1.3W
1.0W
29mA
Amber
0.9W
0.6W
20mA
15mA
Red
1.2W
0.9W
35mA
26mA
Remarks
・
Due to the characteristics of the LED elements,
 
a variation in difference of the color tone and brightness of every product may occur.
・
Power Consumption is the sum total of each LED Unit and Main unit power consumption.
 
Example) WME-3M2D-RYG Rated Power Consumption(Typ.)
 
0.8W(LED Unit Red)+0.9W(LED Unit Amber)+0.6W(LED Unit Green)
 
+0.3W(Main unit power consumption) = 2.6W
・
Model Number Configuration
・
Conforms to the CE Requirements
・
Conforms to the UKCA Requirements
1.1W
0.8W
26mA
Outer Dimensions
Refer to the Outer Dimensions Drawing
Conformity Standards
UL 508, CSA-C22.2 No. 14
EMC Directive (EN 61000-6-4, EN 61000-6-2)
RoHS Directive (EN IEC 63000)
FCC Part15 SubpartB Class A
KC (KN 61000-6-4, KN 61000-6-2)
Low Voltage Directive(IEC/EN60947-5-1,EN62471)
Luminous Intensity (Typ.)
Red : 2000mcd Amber : 5200mcd Green : 3100mcd Blue : 1700mcd White : 8700mcd
Mass (Tolerance ±10%)
1tier : 0.35kg 2tiers : 0.44kg 3tiers : 0.53kg 4tiers : 0.62kg 5tiers : 0.71kg
Vibration Resistance
20m/s² (JIS C 60068-2-6)
Insulation Resistance
More than 1MΩ at 500VDC between live part and non-current carrying metallic part
Withstand Voltage
1500VAC applied for 1min between live part and non-current carrying metallic part without breaking insulation
Protection Rating
IP54 (IEC 60529)
Environmental Condition
Upright
Upward
Downward
Horizontal
Mounting Location
Indoor Only
Mounting Direction
Upright
Upward
Downward
Horizontal
Operating Ambient Humidity
Less than 90% (No condensation)
Storage Ambient Temperature
-15℃ to +55 ℃
Storage Ambient Humidity
Less than 90% (No condensation)
Inrush Current
Power Supply Wire
100V : 11A, Less than 2ms / 240V : Less than 25A, Less than 2ms
Signal Wire
-
Operating Ambient Temperature
-10℃ to +50 ℃
Max.
Typ.
Max.
Signal wire current
Typ.
Rated Power Consumption
Main unit power consumption /Standby Power Consumption : 0.3W
22mA
35mA
Operating Voltage Range
90-250V AC (50/60Hz)
Signal Wire Current
/Power Consumption
Product Name
Signal Tower
Model
WME-□M2D
Rated Voltage
100-240V AC (50/60Hz)
Drawing No.
Rev.
Page
WME-D-W18
D
From top
to bottom
Model
Tiers
Rated
Voltage
LED Unit Color
WME -
⇩
M2
D -
⇩
1
1Tier
M2 100-240V AC
R
Red
2 2Tiers
Y Amber
3 3Tiers
G Green
4 4Tiers
B
Blue
5 5Tiers
C White
3 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com