Electronic Components Datasheet Search
  English  ▼

X  

WME-2M2DFB Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # WME-2M2DFB
Description  Signal Tower
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

WME-2M2DFB Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  WME-2M2DFB Datasheet HTML 1Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 2Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 3Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 4Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 5Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 6Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 7Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 8Page - PATLITE CORPORATION. WME-2M2DFB Datasheet HTML 9Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
[General Specifications]
Buzzer2 : Rapid intermittent beep 2 / 2620Hz
Flashing Rate
60±2 Flashes Per Minute
Outer Dimensions
Refer to the Outer Dimensions Drawing
Environmental
Buzzer1 measured from the front direction of the buzzer opening at 1m
Luminous Intensity (Typ.)
Red : 2000mcd Amber : 5200mcd Green : 3100mcd Blue : 1700mcd White : 8700mcd
Mass (Tolerance ±10%)
1tier : 0.28kg 2tiers : 0.37kg 3tiers : 0.46kg 4tiers : 0.55kg 5tiers : 0.64kg
Insulation Resistance
More than 1MΩ at 500VDC between live part and non-current carrying metallic part
Withstand Voltage
500VAC applied for 1min between live part and non-current carrying metallic part without breaking insulation
Sound Pressure Level (Typ.)
93dB
Buzzer Sound
Buzzer1 : Rapid intermittent beep 1 / 2620Hz
Vibration Resistance
20m/s² (JIS C 60068-2-6)
Horizontal
Protection Rating
IP54 (IEC 60529)
Environmental Condition
Upright
-15℃ to +60 ℃
Storage Ambient Humidity
Less than 90% (No condensation)
Mounting Location
Indoor Only
Mounting Direction
Upright
Upward
Downward
Operating Voltage Range
Rated Voltage ±10%
Signal Wire Current
/Power Consumption
Remarks
・
Due to the characteristics of the LED elements, a variation in difference of the color tone
 
and brightness of every product may occur.
・
Power Consumption is the sum total of each LED Unit and Buzzer.
 
Example) WME-302DFB-RYG Rated Power Consumption(Typ.)
 
0.5W(LED Unit Red)+0.6W(LED Unit Amber)+0.4W(LED Unit Green)+1.0W(Buzzer) = 2.5W
・
Model Number Configuration
・
Conforms to the CE Requirements
・
Conforms to the UKCA Requirements
Operating Ambient Temperature
-10℃ to +55 ℃
Operating Ambient Humidity
Less than 90% (No condensation)
Storage Ambient Temperature
Product Name
Signal Tower
Model
WME-□02DFB
Rated Voltage
24V DC
Drawing No.
Rev.
Page
WME-D-W18
D
Per LED Unit
Buzzer
Red
Amber
Green
Blue
White
26mA
15mA
Rated Power Consumption
Typ.
0.5W
0.6W
29mA
29mA
0.4W
40mA
Max.
26mA
35mA
20mA
35mA
35mA
50mA
0.7W
1.0W
Max.
0.7W
0.9W
0.5W
0.9W
0.9W
1.2W
Inrush Current
Power Supply Wire
-
Signal Wire
LED Unit : - / Buzzer : 100mA ,Less than 3ms
Signal wire current
Typ.
22mA
0.7W
Conformity Standards
UL 508, CSA-C22.2 No. 14
EMC Directive (EN 61000-6-4, EN 61000-6-2)
RoHS Directive (EN IEC 63000)
FCC Part15 SubpartB Class A
KC (KN 61000-6-4, KN 61000-6-2)
From top
to bottom
5 5Tiers
02
24V DC
3 3Tiers
4 4Tiers
1
1Tier
FB With Flashing/Buzzer
2 2Tiers
Model
Tiers
Rated
Voltage
Flashing
/Buzzer
LED Unit Color
WME -
⇩
02
D
FB
-
⇩
Red
Y Amber
G Green
R
B
Blue
C White
2 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com