Electronic Components Datasheet Search
  English  ▼

X  

GS2803L30F Datasheet(PDF) 2 Page - Globaltech Semiconductor Co.,Ltd

Part # GS2803L30F
Description  Low Current Consumption and Low Dropout Voltage LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS2803L30F Datasheet(HTML) 2 Page - Globaltech Semiconductor Co.,Ltd

  GS2803L30F Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.gs-power.com
Packages & Pin Assignments
SOT-23
SOT-23-5L
DFN1X1-4L
1
3
3
VIN
GND
VOUT
1
2
3
5
4
VIN GND EN
VOUT
NC
VOUT
GND
VIN
EN
Pin Name
Function
NC
No Connect.
EN
Enable Input. Pulling this pin below 0.3V turn the regulator off, reducing the quiescent
current to a fraction of its operating value. The device will be enabled if this pin is left
open. Connect to VIN if not being used.
GND
Ground Pin.
VIN
Power Supply Input.
VOUT
The pin is the power output of the device.
Ordering Information
SOT-23
SOT-23-5L
DFN1x1-4L
Output Voltage
GS2803Z10F
GS2803L10F
GS2803F10F
1.0V
GS2803Z12F
GS2803L12F
GS2803F12F
1.2V
GS2803Z15F
GS2803L15F
GS2803F15F
1.5V
GS2803Z18F
GS2803L18F
GS2803F18F
1.8V
GS2803Z20F
GS2803L20F
GS2803F20F
2.0V
GS2803Z22F
GS2803L22F
GS2803F22F
2.2V
GS2803Z25F
GS2803L25F
GS2803F25F
2.5V
GS2803Z28F
GS2803L28F
GS2803F28F
2.8V
GS2803Z30F
GS2803L30F
GS2803F30F
3.0V
GS2803Z33F
GS2803L33F
GS2803F33F
3.3V
GS2803Z35F
GS2803L35F
GS2803F35F
3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com