Electronic Components Datasheet Search
  English  ▼

X  

GS2803L30F Datasheet(PDF) 1 Page - Globaltech Semiconductor Co.,Ltd

Part # GS2803L30F
Description  Low Current Consumption and Low Dropout Voltage LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS2803L30F Datasheet(HTML) 1 Page - Globaltech Semiconductor Co.,Ltd

  GS2803L30F Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS2803L30F Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.gs-power.com
G
GSS22880033 SSeerriieess
Low Current Consumption and Low Dropout Voltage LDO
Product Description
Features
The GS2803 series, developed by using the
CMOS technology, is a positive voltage regulator
IC which has the super low current consumption
and the low dropout voltage. Current consumption
is as low as 1μA typ., and a ceramic capacitor of
0.1μF or more can be used as the input and output
capacitors. It also has high-accuracy output
voltage of ±1.0% typical / ±1.5% Maximum.
Output voltage 1.0 V to 3.5 V, selectable in
0.05 V step.
Input voltage: 1.5 V to 5.5 V
Dropout Voltage 170 mV typ. (2.8 V output
product, IOUT = 100 mA)
Current consumption:
During operation: 1μA typ., 1.35 μA max.
During power-off: 0.01μA typ., 0.1 μA max.
Output current: Possible to output 200 mA
(VOUT ≥1.4 V, VIN≥ VOUT+1.0 V)
Built-in overcurrent protection circuit: Limits
overcurrent of output transistor
Built-in thermal shutdown circuit: Prevents
damage caused by heat
Built-in ON / OFF circuit: Ensures long
battery life
Lead-free(Sn 100%), halogen-free
Applications
Portable communication device, digital
camera, and digital audio player
Battery-powered device
Home electric / electronic appliance
Block Diagram


Similar Part No. - GS2803L30F

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS280 MEANWELL-GS280 Datasheet
189Kb / 2P
280W AC-DC Single Output Desktop
logo
Globaltech Semiconducto...
GS2806LF GLOBALTECH-GS2806LF Datasheet
927Kb / 9P
500mA Adjustable LDO Linear Regulator
Version 1.2
More results

Similar Description - GS2803L30F

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1206 SII-S-1206 Datasheet
653Kb / 36P
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Sanken electric
SI-3000KF SANKEN-SI-3000KF_11 Datasheet
78Kb / 2P
Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3010KD SANKEN-SI-3010KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3010KF SANKEN-SI-3010KF Datasheet
53Kb / 2P
Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
logo
ACE Technology Co., LTD...
ACE5013T ACE-ACE5013T Datasheet
574Kb / 8P
300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com