Electronic Components Datasheet Search
  English  ▼

X  

ACTX2748D Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTX2748D
Description  Bandpass Filter for Digital Terrestrial TV Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTX2748D Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTX2748D Datasheet HTML 1Page - Advanced Crystal Technology ACTX2748D Datasheet HTML 2Page - Advanced Crystal Technology ACTX2748D Datasheet HTML 3Page - Advanced Crystal Technology ACTX2748D Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel : +44 118 979 1238
Fax : +44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Performance
Maximum Ratings
Rating
Value
Unit
Operable Temperature Range
TA
-25 to +65
°C
Storage Temperature Range
Tstg
-40 to +85
°C
DC Voltage (between any terminals)
VDC
5
V
AC Voltage (between any terminals)
VPP
10
V
Characteristics of channel 1 (switching pin 2 connected to ground)
Reference temperature:
TA = 25 °C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
Item
min.
typ.
max.
Unit
Insertion attenuation
IL
Reference level for
the following data
36.17
MHz
19.5
21.0
22.5
dB
Pass bandwidth
α
rel ≤ 1.5 dB
BW1.5
7.2
7.5
7.8
MHz
α
rel ≤ 3 dB
BW3
7.7
8.0
8.3
MHz
α
rel ≤ 15 dB
BW15
8.6
8.9
9.2
MHz
α
rel ≤ 30 dB
BW30
8.8
9.4
10.0
MHz
Relative attenuation
α
rel
Lower sidelobe
25.00 ... 31.15
MHz
28.0
34.0
dB
Upper sidelobe
41.15 ... 42.00
MHz
27.0
33.0
dB
42.00 ... 45.00
MHz
24.0
30.0
dB
Reflected wave signal suppression
1.1
μs ... 6.0 μs after main pulse
(test pulse 250 ns,
carrier frequency 36.17 MHz)
42.0
50.0
dB
Feed-through signal suppression
1.3
μs ... 1.2 μs before main pulse
(test pulse 250 ns,
carrier frequency 36.17 MHz)
50.0
dB
Group delay ripple (p-p)
Δ
τ
32.25 … 40.05
MHz
50
ns
Temperature coefficient of frequency
TCf
–72
ppm/K
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com