Electronic Components Datasheet Search
  English  ▼

X  

ACTX2748D Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTX2748D
Description  Bandpass Filter for Digital Terrestrial TV Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTX2748D Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTX2748D Datasheet HTML 1Page - Advanced Crystal Technology ACTX2748D Datasheet HTML 2Page - Advanced Crystal Technology ACTX2748D Datasheet HTML 3Page - Advanced Crystal Technology ACTX2748D Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel : +44 118 979 1238
Fax : +44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Characteristics of channel 2 (switching pin 2 connected to pin 1)
Reference temperature:
TA = 25 °C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
Item
min.
typ.
max.
Unit
Insertion attenuation
IL
Reference level for
the following data
36.17
MHz
19.5
21.0
22.5
dB
Pass bandwidth
α
rel ≤ 1.5 dB
BW1.5
6.4
6.7
7.0
MHz
α
rel ≤ 3 dB
BW3
6.7
7.0
7.3
MHz
α
rel ≤ 15 dB
BW15
7.7
8.0
8.3
MHz
α
rel ≤ 30 dB
BW30
7.9
8.5
9.1
MHz
Relative attenuation
α
rel
Lower sidelobe
25.00 ... 31.55
MHz
28.0
34.0
—
dB
Upper sidelobe
40.75 ... 45.00
MHz
27.0
32.0
—
dB
Reflected wave signal suppression
1.1
μs ... 6.0 μs after main pulse
(test pulse 250 ns,
carrier frequency 36.17 MHz)
42.0
50.0
—
dB
Feed-through signal suppression
1.3
μs ... 1.2 μs before main pulse
(test pulse 250 ns,
carrier frequency 36.17 MHz)
—
50.0
—
dB
Group delay ripple (p-p)
Δ
τ
32.75 … 39.55
MHz
—
50
—
ns
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com