Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 2 Page - Clarke International

Part # GWH4
Description  ARC ACTIVATED HEADSHIELD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 2 Page - Clarke International

  GWH4 Datasheet HTML 1Page - Clarke International GWH4 Datasheet HTML 2Page - Clarke International GWH4 Datasheet HTML 3Page - Clarke International GWH4 Datasheet HTML 4Page - Clarke International GWH4 Datasheet HTML 5Page - Clarke International GWH4 Datasheet HTML 6Page - Clarke International GWH4 Datasheet HTML 7Page - Clarke International GWH4 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Headshield. Before attempting to use
this product, please read this manual thoroughly and follow the instructions
carefully. In doing so you will ensure the safety of yourself and that of others
around you, and you can look forward to your purchase giving you long and
satisfactory service.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase. This guarantee is invalid if the product is found
to have been abused or tampered with in any way, or not used for the
purpose for which it was intended. Faulty goods should be returned to their
place of purchase, no product can be returned to us without prior permission.
This guarantee does not effect your statutory rights.
ENVIRONMENTAL PROTECTION
If broken, do not dispose of this product with general household waste. This
product contains valuable raw materials and should be disposed of
appropriately at a recognised disposal facility. Through purchase of this
product, the customer is taking on the obligation to deal with the WEEE in
accordance with the WEEE regulations in relation to the treatment, recycling
& recovery and environmentally sound disposal of the WEEE. This means that
this product must not be disposed of with general household waste. It must be
disposed of according to the laws governing Waste Electrical and Electronic
Equipment (WEEE) at a recognised disposal facility.
TECHNICAL DATA
Viewing field (W x H)
92 X 42 mm
Shade available in Light State
DIN4
Shade available in Dark State
DIN 9-13 Outside Adjustment
UV/IR protection
Max shade DIN16 at all times
Operating temperature range
-5oC - +55oC
Weight
0.46 kg (GWH5 & 7), / 058 kg (GWH4 & 6)
Switching time from light to dark
1/25,000 second or 0.04 m/s
Delay time from dark to light
0.2 - 0.8 second
Lens power control
Auto-on
Power supply
Solar Cells / Lithium Battery
Construction material
Polyamide (flame retardant)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com