Electronic Components Datasheet Search
  English  ▼

X  

SWP900A Datasheet(PDF) 11 Page - Clarke International

Part # SWP900A
Description  SUBMERSIBLE SEWAGE PUMP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

SWP900A Datasheet(HTML) 11 Page - Clarke International

Back Button SWP900A Datasheet HTML 4Page - Clarke International SWP900A Datasheet HTML 5Page - Clarke International SWP900A Datasheet HTML 6Page - Clarke International SWP900A Datasheet HTML 7Page - Clarke International SWP900A Datasheet HTML 8Page - Clarke International SWP900A Datasheet HTML 9Page - Clarke International SWP900A Datasheet HTML 10Page - Clarke International SWP900A Datasheet HTML 11Page - Clarke International SWP900A Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ACCESSORIES
SPECIFICATIONS
Layflat Hoses
Assorted Hose Clip Set - CHT672
•
Available in 100 metre coils or per
meter.
•
Available in 1” - 3” Diameter.
•
26 piece assorted hose clip set in
various sizes, Including. 8 x16mm,
6 x 22mm, 4 x 25mm, 2 x 28mm,
2 x 35mm & 4 x 40mm clips.
•
Zinc plated for corrosion
resistance.
Voltage
230V~50Hz
Outlet Thread Diameter
1½“ BSP
Power
1100W
Maximum Head Height
9 m
Maximum Depth
5 m
Maximum Flow
350 l/min
Maximum Water Temperature
40oC
Maximum Particle Size
31 mm
Weight
9.5 kg
Cable Length
10 m
Dimensions (D x W x H)
164 x 190 x 415 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com