Electronic Components Datasheet Search
  English  ▼

X  

MC1489 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MC1489
Description  QUAD LINE RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC1489 Datasheet(HTML) 2 Page - STMicroelectronics

  MC1489 Datasheet HTML 1Page - STMicroelectronics MC1489 Datasheet HTML 2Page - STMicroelectronics MC1489 Datasheet HTML 3Page - STMicroelectronics MC1489 Datasheet HTML 4Page - STMicroelectronics MC1489 Datasheet HTML 5Page - STMicroelectronics MC1489 Datasheet HTML 6Page - STMicroelectronics MC1489 Datasheet HTML 7Page - STMicroelectronics MC1489 Datasheet HTML 8Page - STMicroelectronics MC1489 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MC1489/MC1489A
2/13
PIN CONFIGURATION (top view)
ORDERING CODES
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
DIP14
SO14
SO14 (TAPE & REEL)
MC1489P
MC1489D1
MC1489D1013TR
MC1489AP
MC1489AD1013TR
Symbol
Parameter
Value
Unit
VS
Power Supply Voltage
10
V
VI
Input Voltage Range
±30
V
IOL
Output Load Current
20
mA
PTOT
Power Dissipation
1W
Tamb
Operating Ambient Temperature
0to 75
°C
Tstg
Storage Temperature Range
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com