Electronic Components Datasheet Search
  English  ▼

X  

MC1489 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MC1489
Description  QUAD LINE RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC1489 Datasheet(HTML) 3 Page - STMicroelectronics

  MC1489 Datasheet HTML 1Page - STMicroelectronics MC1489 Datasheet HTML 2Page - STMicroelectronics MC1489 Datasheet HTML 3Page - STMicroelectronics MC1489 Datasheet HTML 4Page - STMicroelectronics MC1489 Datasheet HTML 5Page - STMicroelectronics MC1489 Datasheet HTML 6Page - STMicroelectronics MC1489 Datasheet HTML 7Page - STMicroelectronics MC1489 Datasheet HTML 8Page - STMicroelectronics MC1489 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MC1489/MC1489A
3/13
ELECTRICAL CHARACTERISTICS
Response Control Pin in Open; VS =5V, Tamb = 0 to 75°C, unless otherwise specified.
SWITCHING CHARACTERISTICS
VS =5V, Tamb = 25°C, (see Figure 1)
TEST CIRCUITS
Figure 1 : Switching Response
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IIH
Positive Input Current
VIH =25V
3.6
8.3
mA
VIH = 3 V
0.43
IIL
Negative Input Current
VIL = - 25 V
-3.6
-8.3
mA
VIL = - 3 V
-0.43
VIH
Input Turn-On Threshold
Voltage
Tamb = 25°C, VOL ≤ 0.45 V
IL =10 mA
for MC1489
1
1.5
V
for MC1489A
1.75
1.95
2.25
VIL
Input Turn-Off Threshold
Voltage
Tamb = 25°C, VOL ≥ 2.5VIL =-0.5mA
0.75
1.25
V
VOH
Output Voltage High
VIH =0.75V,IL =-0.5mA
2.5
4
5
V
IL = 0.5 mA Input Open Circuit
2.5
4
5
VOL
Output Voltage Low
VIL =3 V, IL = 10 mA
0.2
0.45
V
IOS
Output Short Circuit
Current
-3
-4
mA
IS
Power Supply Current
All gates "ON", IO =0mA, VIH = 5 V
16
26
mA
PC
Power Consumption
VIH = 5 V
80
130
mW
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay Time
RL = 3.9 KΩ
25
85
ns
tTHL
Rise Time
RL = 3.9 KΩ
120
175
ns
tPHL
Propagation Delay Time
RL =390 Ω
25
50
ns
tTHL
Fall Time
RL =390 Ω
10
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com