Electronic Components Datasheet Search
  English  ▼

X  

FMFD2001 Datasheet(PDF) 3 Page - Infinite Electronics International, Inc.

Part # FMFD2001
Description  SMA Frequency Divider Divide by 2 Prescaler Module Operating from 500 MHz to 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMFD2001 Datasheet(HTML) 3 Page - Infinite Electronics International, Inc.

  FMFD2001 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMFD2001 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMFD2001 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 3 of 3
*STANDARD TOLERANCES APPLY
ONLY TO DIMENSIONS IN INCHES
STANDARD TOLERANCES
.X
±0.2
.XX
±0.01
.XXX ±0.005
1.250
31.75
1.250
31.75
2X
SMA FEMALE
.250
6.35
TYP
.625
15.88
TYP
1.000
25.40
1.000
25.40
.125
3.18
.125
3.18
4X 4-40 UNC
.150 [3.81]
.450
11.43
.750
19.05
.187
4.75
.563
14.30
SHEET
3FKR5
CAGE CODE
DWG NO
SIZE A
SCALE N/A
CAD FILE
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
3. DIMENSIONS ARE IN INCHES [mm].
TITLE
FMFD2001
7361
1 OF 1
04/25/19
FMFD2001
DATA SHEET
SMA Frequency Divider Divide by 2 Prescaler Module
Operating from 500 MHz to 18 GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com