Electronic Components Datasheet Search
  English  ▼

X  

FMFD2001 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMFD2001
Description  SMA Frequency Divider Divide by 2 Prescaler Module Operating from 500 MHz to 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMFD2001 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMFD2001 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMFD2001 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMFD2001 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.1 Page 1 of 3
Copyright © 2020
The FMFD2001 is a coaxial packaged Frequency Divider module that operates
across a wide input frequency range from 500 MHz to 18 GHz and supports a
divide ratio of 2. Output Frequency is 250 MHz to 9 GHz. Impressive broadband
typical performance of this Prescaler includes output power of -4 dBm and
SSB phase noise of -147 dBc/Hz at 100 KHz offset. This exceptional technical
performance is achieved through the use of a hybrid MIC PCB solder assembly
which is RoHS and REACH compliant. This frequency divider design requires +12
Vdc typical bias voltage, operates over maximum temperature range of -40°C to
+85°C, and has an absolute maximum rating for input power of +13 dBm. The
rugged and compact package suppors SMA Female connectors, RFI and Ground
Pins. For highly reliable operation, the model is guaranteed to meet MIL-STD-202
environmental test conditions for Humidity, Shock, Vibration, and Altitude.
Electrical Specifications (TA= 25°C, Vd1 = 12 Vdc, Id1 = 85 mA)
Description
Min
Typ
Max
Units
Input Frequency (Sine Wave)
0.5
18
GHz
Output Frequency (Square Wave Output) 0.25
9
GHz
Input Power (CW)
-15
0
10
dBm
Output Power
-7
-4
dBm
Phase Noise @100kHz Offset
-147
dBc/Hz
Operating DC Voltage 1
9
12
15
V
Operating DC Current 1
85
100
mA
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
0.5 to 1
1 to 2
2 to 14
14 to 16
16 to 18
GHz
Input Power (CW), Max
10
10
10
5
3
dBm
Input Power (CW), Typ
5
0
0
0
0
dBm
Input Power (CW), Min
3
-10
-15
-15
-10
dBm
Mechanical Specifications
Size
Length
1.25 in [31.75 mm]
Width
1.25 in [31.75 mm]
Height
0.563 in [14.3 mm]
Output Connector
SMA Female
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +125 deg C
Humidity
MIL-STD-202F, Method 103B, Condi-
tion B
Shock
MIL-STD-202F, Method 213B, Codi-
tion B
SMA Frequency Divider Divide by 2 Prescaler
Module Operating from 500 MHz to 18 GHz
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Wide Input Frequency Range:
500 MHz to 18 GHz
• Divide-by-2 Prescaler
• Output Frequency 250
MHz to 9 GHz
• Output Power: -4 dBm typical
• Low SSB Phase Noise: -147
dBc/Hz @ 100 KHz offset typical
• RoHS & REACH
Compliant Assembly
• Bias Voltage: +12 Vdc
• Operational Temperature
Range: -40°C to +85°C
• Compact SMA
Connectorized Package
• Designed to meet MIL-
STD-202 Test Conditions
Applications:
• PLL Applications
• Test Instrumentation
• Countermeasures
• Point to Point Microwave Radio
• SATCOM
• MILCOM
• Base Stations
FMFD2001
DATA SHEET


Similar Part No. - FMFD2001

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFD20001 FAIRVIEW-FMFD20001 Datasheet
704Kb / 3P
SMA Frequency Divider Divide by 20 Prescaler Module Operating from 200 MHz to 6 GHz
REV 1.1
FMFD2002 FAIRVIEW-FMFD2002 Datasheet
703Kb / 3P
SMA Frequency Divider Divide by 2 Prescaler Module Operating from 100 MHz to 20 GHz
REV 1.1
FMFD2004 FAIRVIEW-FMFD2004 Datasheet
596Kb / 4P
Frequency Divider, Divide by 2 Prescaler Module, 100 MHz to 24 GHz, SMA
REV 1A
More results

Similar Description - FMFD2001

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C007 HITTITE-HMC-C007 Datasheet
512Kb / 4P
DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
logo
NEC
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
DIVIDE- BY- 2 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
Analog Devices
ADF5001 AD-ADF5001 Datasheet
274Kb / 12P
4 GHz to 18 GHz Divide-by-4 Prescaler
REV. 0
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
Divide-by-2 Prescaler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com