Electronic Components Datasheet Search
  English  ▼

X  

NJW1240 Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # NJW1240
Description  5Vrms Ground Referenced 6-Channel Line Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1240 Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  NJW1240 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NJW1240
– 2 –
PIN CONFIGURATION
No.
Symbol
Function
No.
Symbol
Function
1
IN1
Input 1
17
NC
No Connect
2
IN2
Input 2
18
FB
V- Power Supply External Setting
3
IN3
Input 3
19
CP
Flying Capacitor Positive Terminal
4
IN4
Input 4
20
NC
No Connect
5
IN5
Input 5
21
NC
No Connect
6
IN6
Input 6
22
GND
Ground
7
MUTE
MUTE / Pop Noise Suppression
23
CN
Flying Capacitor Negative Terminal
8
GAIN
Gain Select
24
MUTE_TC Pop Noise Suppression Capacitor
9
V
- IN
V- Power Input
25
V
+ A
V+ Power Supply for Analog
10
V
- OUT
V- Power Output
26
GND
Ground
11
RegCNT
V- Power Control
27
OUT6
Output 6
12
NC
No Connect
28
OUT5
Output 5
13
NC
No Connect
29
OUT4
Output 4
14
CLK
External Clock Input
30
OUT3
Output 3
15
V
+ Reg
V+ Power Supply for Regulator
31
OUT2
Output 2
16
NC
No Connect
32
OUT1
Output 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com