Electronic Components Datasheet Search
  English  ▼

X  

NJW1240 Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # NJW1240
Description  5Vrms Ground Referenced 6-Channel Line Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1240 Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  NJW1240 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJW1240 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NJW1240
– 1 –
Ver. 1.1E
5Vrms Ground Referenced 6-Channel Line Amplifier
GENERAL DESCRIPTION
The NJW1240 is a 6-channel audio line amplifier for High
Voltage Pre-out of Car AV system. It can swing
5Vrms(14.1V peak-to peak) singal at 8V opearating voltage
because of including the charge pump circuit.
Ground-referenced outputs eliminate output coupling
capacitor. The pop noise suppression circuit reduces a pop
noise at the power-on and power-off.
FEATURES
q
Operating Voltage
+6 to +10V
q
Operating Current
IDD=15mA typ.
at V
+=8V, R
L=47kΩ, No Signal
q
Maximum Output Voltage
5.0Vrms min.
q
Low Distortion
0.0008% typ
q
Low Output Noise
-102dB typ.
q
Output Coupling Capacitor-less
q
External Synchronizing
Divide-by-2
q
Pop Noise Suppression Circuit
q
External Mute
q
Gain Select
+6dB/+8.3dB
q
RF Immunity OpAmp tolerant to FR noise. (ex. mobile phone)
q
Bi-CMOS Technology
q
Package Outline
SSOP32
BLOCK DIAGRAM
s
s
s
s
PACKAGE OUTLINE
NJW1240V
IN1
IN2
IN3
IN4
IN6
IN5
OUT1
OUT2
OUT3
OUT4
OUT6
OUT5
Charge
Pump
V-
Gain
Select
V+ Detector
Pop Noise
Suppression
V+
V-
Mute Tr
V+
V-
Mute Tr
V+
V-
Mute Tr
V+
V-
Mute Tr
V+
V-
Mute Tr
V+
V-
Mute Tr


Similar Part No. - NJW1240

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1240 NJRC-NJW1240 Datasheet
235Kb / 12P
5Vrms Ground Referenced 6-Channel Line Amplifier
NJW1240V NJRC-NJW1240V Datasheet
235Kb / 12P
5Vrms Ground Referenced 6-Channel Line Amplifier
More results

Similar Description - NJW1240

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
Ground-Referenced, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
New Japan Radio
NJU72010 NJRC-NJU72010 Datasheet
204Kb / 15P
2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72011 NJRC-NJU72011 Datasheet
205Kb / 15P
2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
Ground Referenced Stereo Headphone Amplifier
logo
Analog Devices
SSM2932 AD-SSM2932 Datasheet
395Kb / 16P
High Efficiency, Ground-Referenced
REV. 0
logo
New Japan Radio
NJU72013 NJRC-NJU72013 Datasheet
174Kb / 10P
2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72014 NJRC-NJU72014 Datasheet
179Kb / 10P
2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJW1240 NJRC-NJW1240 Datasheet
235Kb / 12P
5Vrms Ground Referenced 6-Channel Line Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com