Electronic Components Datasheet Search
  English  ▼

X  

LD81 Datasheet(PDF) 1 Page - LightGraphix

Part # LD81
Description  High Power Miniature LED spotlight with Mounting Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD81 Datasheet(HTML) 1 Page - LightGraphix

  LD81 Datasheet HTML 1Page - LightGraphix LD81 Datasheet HTML 2Page - LightGraphix LD81 Datasheet HTML 3Page - LightGraphix LD81 Datasheet HTML 4Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 18 April 2017
LD82
- For a single spotlight on top of a stem, see our LD82 which
has the knuckle joint on the side. This uses the same LED
and optics as the LD81. Please see our website for more
details
14
18.5
Ø29
68
11.5
MIN
DIM
20
Ø40.5
2.5
40
MIN
6
28.5
54.6
Ø29
DIM
11.5
MIN
40
MIN
Ø10
Ø30
18
11.5
11.5
25
M8
DIM
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
LD81
14
28.5
Ø29
68
28.5
LD81
14
Ø29
68
28.5
LD81
LD281
Ø30
Ø23
24.5
51
LD81
13
13
Ø29
28.5
55
Linked to data sheet
14
18.5
Ø29
68
11.5
MIN
DIM
20
Ø40.5
2.5
40
MIN
6
28.5
54.6
Ø29
DIM
11.5
MIN
40
MIN
Ø10
Ø30
18
11.5
11.5
25
M8
DIM
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
Stem Mounting Linear Profile Method 1
14
28.5
Ø29
68
28.5
14
Ø29
68
28.5
Ø30
Ø23
24.5
51
13
13
Ø29
28.5
55
Stem Mounting Linear Profile Method 2
Stem Mounting Linear Profile Method 3
Stem Mounting Linear Profile Method 4
PL-1 Swivel Mounting Plate
14
18.5
Ø29
68
6
28.5
54.6
Ø29
Stem Mounting Linear Profile Mounting Methods
14
28.5
Ø29
68
28.5
14
Ø29
68
28.5
Method 1
Stem Mounting Linear Profile Method 3
PL-1 Swivel Mounting Plate
Method 2
Method 3
Method 4
E1313 U Channel
Flush mounted in routed
groove in cabinet
LD81
High Power Miniature LED spotlight with Mounting Systems
Data sheet - Page 1
Applications
Beam Angles
12°, 31°, 48°
LED type
1 x Cree XPG2
Colour temperature
2700K** / 3000K
5000K
Drive Current (mA)
350
500
700
350
500
700
LED power* (W)
1.2W 1.7W 2.4W 1.2W 1.7W 2.4W
CRI (typical)
93
93
93
75
75
75
Forward voltage (V)100
3.0V
3.2V
3.4V
3.0V
3.2V
3.4V
Delivered lumens** (L100)
107
146
195
130
177
237
Lumens per circuit watt
89
86
81
108
104
99
LED lifetime (to 70%
lumen maintenance)
50,000hrs at a max ambient temperature of 35
°C
(if specifying fitting in ambient temperatures of up
to 45
°C run at 500mA max, LD81-500)
Materials
Anodised aluminium body
Wiring
Comes pre-wired with 2 core 500mm lead, can be
specified with up to 10m at extra cost
IP rating
IP40
*LED wattage includes losses associated with using an 85% efficient driver
** 2700K lumen output is 12% lower than the 3000K figure listed
4000K lumen output is 14% higher than the 3000K figure listed (80 CRI)
Specification
The LD81 is a high power, miniature, adjustable LED spotlight. With its discreet design, and wide range of mounting options it is suitable for a huge variety of applications.
Each mounting method is custom made to each projects requirements, allowing the designer to tailor the lighting layout for each display. The best method of specification
for these spotlights and mounting systems is to send us a sketch of what is required. This can then be discussed and we will produce a project specification and quote.
Key Features
Utilizes the latest LED technology with a typical CRI of 93 in warm white
Broad range of uses includinn display, picture and sign lighting
Compact design with high output
Knuckle joint allows great flexibility in adjustment
Custom made to suit exact specified dimensions
Range of mounting options
Precise beam control with a range of lenses
Available with Switch, 0-10V, DMX, Dali or Mains dimmable drivers
-
-
-
-
-
-
-
-


Similar Part No. - LD81

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD8105 LEADTREND-LD8105 Datasheet
294Kb / 8P
Constant Voltage and Constant Current Controller
LD8105GL LEADTREND-LD8105GL Datasheet
294Kb / 8P
Constant Voltage and Constant Current Controller
LD8108A LEADTREND-LD8108A Datasheet
971Kb / 13P
AC/DC Speedy Charge??Controller for Charge 2.0 USB Interface
LD8108AGS LEADTREND-LD8108AGS Datasheet
971Kb / 13P
AC/DC Speedy Charge??Controller for Charge 2.0 USB Interface
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
Secondary-side Dimmable Constant Current and Voltage Controller
More results

Similar Description - LD81

ManufacturerPart #DatasheetDescription
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
SHENZHEN FUMAN ELECTRON...
DB06LT FUMAN-DB06LT Datasheet
615Kb / 11P
LED power spotlight driver IC
FM7122 FUMAN-FM7122 Datasheet
831Kb / 15P
LED power spotlight driver IC
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
LED power spotlight driver IC
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com