Electronic Components Datasheet Search
  English  ▼

X  

LD81 Datasheet(PDF) 4 Page - LightGraphix

Part # LD81
Description  High Power Miniature LED spotlight with Mounting Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD81 Datasheet(HTML) 4 Page - LightGraphix

  LD81 Datasheet HTML 1Page - LightGraphix LD81 Datasheet HTML 2Page - LightGraphix LD81 Datasheet HTML 3Page - LightGraphix LD81 Datasheet HTML 4Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 18 April 2017
LD81
High Power Miniature LED spotlight with Mounting Systems
Data sheet - Page 4
Mounting method and accessories
Method 1
Method 1 Double
Method 2
Method 2 Double
Method 3
Method 3 Double
Method 4
Aluminium U channel
Single swivel mounting plate
Cowl
/M1
/M1D
/M2
/M2D
/M3
/M3D
/M4
/E1313
/PL-1
/CO
Product codes with output options
1.2W LED at 350mA
1.7W LED at 500mA
2.4W LED at 700mA
LD81-350
LD81-500
LD81-700
Beam / lens angle options
12° narrow spot
31° medium
48° wide
/NB
/MB
/WB
Finish options
Silver / black / white (RAL 9016) / RAL finish
Use with 350mA, 500mA or 700mA constant current LED drivers
We have a wide range of dimmable LED drivers, 0-10V, DMX, DALI and Mains
dimmable. Please see the downloads section on our website:
To run 1-14 LD81-350 in series use a TXDEL350D (0-10V dimmable)
To run 1-14 LD81-500 in series use a TXDEL500D (0-10V dimmable)
To run 1-13 LD81-700 in series use a TXDEL700D (0-10V dimmable)
LED colour options
Suffix
Extra Warm White (2700K)
Warm white (3000K)
White (4000K) - on request
Cool White (5000K)
/LW27
/LW30
/LW40
/LW50
Product code
LED
colour
Lens
angle
Finish
LD81- 350
- 500
- 700
Mounting
method
Order Codes and Options
Length
Example: LD81-700 / LW30 / MB / Silver / M1 / 500mm
Alternative Mounting Methods
/E1313
Aluminium U channel can be flush mounted into a routed groove into the side
of cabinets which makes a very neat detail. All the wiring can be done at the
manufacturing stage speeding up installation.
Specify length, number of spotlights and spacing.
11.5
MIN
DIM
20
Ø40.5
2.5
40
MIN
14
Ø29
68
28.5
6
28.5
54.6
Ø29
M8
DIM
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
LD81
LD81
LD81
LD81
Ø30
Ø23
24.5
51
LD81
13
13
Ø29
28.5
53.5
Linked to data sheet
11.5
MIN
DIM
20
Ø40.5
2.5
40
MIN
6
28.5
54.6
Ø29
M8
DIM
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
Stem Mounting Linear Profile Method 1
14
Ø29
68
28.5
Ø30
Ø23
24.5
51
13
13
Ø29
28.5
53.5
14
18.5
Ø29
68
DIM
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
Stem Mounting Linear Profile Method 2
Stem Mounting Linear Profile Method 3
Stem Mounting Linear Profile Method 4
PL-1 Swivel Mounting Plate
14
18.5
Ø29
68
6
28.5
54.6
Ø29
Stem Mounting Linear Profile Mounting Methods
14
28.5
Ø29
68
28.5
Method 1
PL-1 Swivel Mounting Plate
Method 2
Method 3
Method 4
E1313 U Channel
Flush mounted in routed
groove in cabinet
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
14
18.5
Ø29
68
DIM
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81-SMB51 Surface Mounted Base
Ø55
16
71
63.5
Ø33.5
90° Tilt
10
Cowl
/PL-1
Single swivel mounting plate is very useful for mounting individual spotlights
neatly into the sides, top or base of cabinets.
14
18.5
Ø29
68
11.5
MIN
DIM
20
Ø40.5
2.5
40
MIN
6
28.5
54.6
Ø29
DIM
11.5
MIN
40
MIN
Ø10
Ø30
18
11.5
11.5
25
M8
DIM
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
LD81
14
28.5
Ø29
68
28.5
LD81
14
Ø29
68
28.5
LD81
LD281
Ø30
Ø23
24.5
51
LD81
13
13
Ø29
28.5
55
Linked to data sheet
14
18.5
Ø29
68
11.5
MIN
DIM
20
Ø40.5
2.5
40
MIN
6
28.5
54.6
Ø29
DIM
11.5
MIN
40
MIN
Ø10
Ø30
18
11.5
11.5
25
M8
DIM
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
Stem Mounting Linear Profile Method 1
14
28.5
Ø29
68
28.5
14
Ø29
68
28.5
Ø30
Ø23
24.5
51
13
13
Ø29
28.5
55
Stem Mounting Linear Profile Method 2
Stem Mounting Linear Profile Method 3
Stem Mounting Linear Profile Method 4
PL-1 Swivel Mounting Plate
14
18.5
Ø29
68
6
28.5
54.6
Ø29
Stem Mounting Linear Profile Mounting Methods
14
28.5
Ø29
68
28.5
14
Ø29
68
28.5
Method 1
Stem Mounting Linear Profile Method 3
PL-1 Swivel Mounting Plate
Method 2
Method 3
Method 4
E1313 U Channel
Flush mounted in routed
groove in cabinet
Photometric files are included in the design pack which can be downloaded
from the LD81 product page on the website.
Photometrics
/CO - Anti Glare Cowl
The cowl is securely fitted to the LD81 with the aid of an O-ring.
54.6
28.5
Ø29
90° Tilt
Ø55
16
48
25
10
Ø5
54.6
28.5
Ø29
90°
Tilt
Ø55
16
63.5
Ø33.5
90° Tilt
Ø55
16
63.5
Ø33.5
90° Tilt
10
54.6
28.5
Ø29
90°
Tilt
Ø55
16
LD81-SMB
LD81-CO
Accessories



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com