Electronic Components Datasheet Search
  English  ▼

X  

LD95 Datasheet(PDF) 2 Page - LightGraphix

Part # LD95
Description  Miniature Floor or Ceiling Mounted Spotlight
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD95 Datasheet(HTML) 2 Page - LightGraphix

  LD95 Datasheet HTML 1Page - LightGraphix LD95 Datasheet HTML 2Page - LightGraphix LD95 Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 2
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 11 April 2022
LD95
Miniature Floor or Ceiling Mounted Spotlight
700
mA
Accessories
/GS - Glare shield
An optional glare shield is available for the LD95 to further reduce glare from the
LED and optic. This does not reduce the light on the lit surface (wall) but will cut out
some light onto the ceiling or floor.
IP66
Photometric files (LDT) are included in the design pack which can be
downloaded from the LD95 product page on the website.
Cone Diagrams
Wide Beam
700mA using a 48° optic
Medium Beam
700mA using a 31° optic
Narrow Beam
700mA using a 12° optic
LD1080-700 / LW30 / NB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.20
0.40
0.55
0.70
0.90
1.10
22020
5499
2447
1376
881
611
0.5
1.0
1.5
2.0
2.5
3.0
0.25
0.50
0.75
1.00
1.25
1.50
11416
2854
1268
713
457
317
LD1080-700 / LW30 / MB (28°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.45
0.70
1.10
1.50
1.85
2.20
5704
1426
634
357
228
158
LD1080-700 / LW30 / WB (41°)
Distance (m)
Cone Width (m)
Luminance (lx)
COB
XPG2 (Single)
LD72-700 / LW30 / NB (12°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.17
4743
0.35
1186
0.52
0.70
0.87
1.05
527
296
190
132
0.5
1.0
1.5
2.0
2.5
3.0
0.27
0.55
0.82
1.09
1.37
1.64
2199
550
244
137
88
61
LD72-700 / LW30 / MB (31°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.46
0.91
1.37
1.82
2.28
2.73
1169
292
130
73
47
32
LD72-700 / LW30 / WB (48°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.26 / 0.16
0.59 / 0.33
0.88 / 0.49
1.18 / 0.66
1.47 / 0.82
1.77 / 0.98
2944
736
327
184
118
82
LD72-700 / LW30 / OB (36 x 12°)
Distance (m)
Cone Width (m)
Luminance (lx)
Cone diagrams below are based on a 3000K LED run at maximum output 700mA.
LD1080-700 / LW30 / NB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.20
0.40
0.55
0.70
0.90
1.10
22020
5499
2447
1376
881
611
0.5
1.0
1.5
2.0
2.5
3.0
0.25
0.50
0.75
1.00
1.25
1.50
11416
2854
1268
713
457
317
LD1080-700 / LW30 / MB (28°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.45
0.70
1.10
1.50
1.85
2.20
5704
1426
634
357
228
158
LD1080-700 / LW30 / WB (41°)
Distance (m)
Cone Width (m)
Luminance (lx)
COB
XPG2 (Single)
LD72-700 / LW30 / NB (12°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.17
4743
0.35
1186
0.52
0.70
0.87
1.05
527
296
190
132
0.5
1.0
1.5
2.0
2.5
3.0
0.27
0.55
0.82
1.09
1.37
1.64
2199
550
244
137
88
61
LD72-700 / LW30 / MB (31°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.46
0.91
1.37
1.82
2.28
2.73
1169
292
130
73
47
32
LD72-700 / LW30 / WB (48°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.26 / 0.16
0.59 / 0.33
0.88 / 0.49
1.18 / 0.66
1.47 / 0.82
1.77 / 0.98
2944
736
327
184
118
82
LD72-700 / LW30 / OB (36 x 12°)
Distance (m)
Cone Width (m)
Luminance (lx)
LD1080-700 / LW30 / NB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.20
0.40
0.55
0.70
0.90
1.10
22020
5499
2447
1376
881
611
0.5
1.0
1.5
2.0
2.5
3.0
0.25
0.50
0.75
1.00
1.25
1.50
11416
2854
1268
713
457
317
LD1080-700 / LW30 / MB (28°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.45
0.70
1.10
1.50
1.85
2.20
5704
1426
634
357
228
158
LD1080-700 / LW30 / WB (41°)
Distance (m)
Cone Width (m)
Luminance (lx)
COB
XPG2 (Single)
LD72-700 / LW30 / NB (12°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.17
4743
0.35
1186
0.52
0.70
0.87
1.05
527
296
190
132
0.5
1.0
1.5
2.0
2.5
3.0
0.27
0.55
0.82
1.09
1.37
1.64
2199
550
244
137
88
61
LD72-700 / LW30 / MB (31°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.46
0.91
1.37
1.82
2.28
2.73
1169
292
130
73
47
32
LD72-700 / LW30 / WB (48°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.26 / 0.16
0.59 / 0.33
0.88 / 0.49
1.18 / 0.66
1.47 / 0.82
1.77 / 0.98
2944
736
327
184
118
82
LD72-700 / LW30 / OB (36 x 12°)
Distance (m)
Cone Width (m)
Luminance (lx)
Oval Beam
700mA using a 12° x 36° optic
LD1080-700 / LW30 / NB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.20
0.40
0.55
0.70
0.90
1.10
22020
5499
2447
1376
881
611
0.5
1.0
1.5
2.0
2.5
3.0
0.25
0.50
0.75
1.00
1.25
1.50
11416
2854
1268
713
457
317
LD1080-700 / LW30 / MB (28°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.45
0.70
1.10
1.50
1.85
2.20
5704
1426
634
357
228
158
LD1080-700 / LW30 / WB (41°)
Distance (m)
Cone Width (m)
Luminance (lx)
COB
XPG2 (Single)
LD72-700 / LW30 / NB (12°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.17
4743
0.35
1186
0.52
0.70
0.87
1.05
527
296
190
132
0.5
1.0
1.5
2.0
2.5
3.0
0.27
0.55
0.82
1.09
1.37
1.64
2199
550
244
137
88
61
LD72-700 / LW30 / MB (31°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.46
0.91
1.37
1.82
2.28
2.73
1169
292
130
73
47
32
LD72-700 / LW30 / WB (48°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.26 / 0.16
0.59 / 0.33
0.88 / 0.49
1.18 / 0.66
1.47 / 0.82
1.77 / 0.98
2944
736
327
184
118
82
LD72-700 / LW30 / OB (36 x 12°)
Distance (m)
Cone Width (m)
Luminance (lx)
Applications
LD95 is incredibly versatile, allowing it to be used in a variety of applications from
lighting window reveals to wall and floor washing.
A range of paint finishes are available which are suitable for exterior
applications. Please refer to our finished guide for more information.
Finish Options
Paint Finish
Black
Paint Finish
White
Paint Finish
Antique Bronze



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com