Electronic Components Datasheet Search
  English  ▼

X  

LD95 Datasheet(PDF) 3 Page - LightGraphix

Part # LD95
Description  Miniature Floor or Ceiling Mounted Spotlight
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD95 Datasheet(HTML) 3 Page - LightGraphix

  LD95 Datasheet HTML 1Page - LightGraphix LD95 Datasheet HTML 2Page - LightGraphix LD95 Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 3
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 11 April 2022
LD95
Miniature Floor or Ceiling Mounted Spotlight
700
mA
IP66
Product codes with output options
1.2W LED at 350mA
LD95-C1-350
1.7W LED at 500mA
LD95-C1-500
2.4W LED at 700mA
LD95-C1-700
LED colour options
Super Warm White (2200K)
/LW22
Extra Warm White (2700K)
/LW27
Warm White (3000K)
/LW30
White (4000K)
/LW40
Cool White (5000K)
/LW50
*Other LED colour temperatures are available. Please speak to a member of our sales team.
Beam / lens angle options
12° narrow spot
/NB
31° medium
/MB
48° wide
/WB
12° x 36° oval
/OB
Accessory
Glare shield (GS56T)
/GS
Finish options
Paint finish silver / black / white (RAL 9016) / antique bronze / satin antique brass /
satin brass / RAL finish
Use with 350mA, 500mA and 700mA constant current LED drivers
We have a wide range of dimmable LED drivers, 0-10V, DMX, DALI and Mains dimmable.
Please see the downloads section on our website:
To run 1-14 LD95-C1-350 in series use a TXDEL350D (0-10V dimmable)
To run 1-14 LD95-C1-500 in series use a TXDEL500D (0-10V dimmable)
To run 1-13 LD95-C1-700 in series use a TXDEL700D (0-10V dimmable)
Product
code
LED
colour
Example: LD95-C1-700 / LW30 / MB / GS / White
Lens
angle
Finish
Order Codes and Options
LD95-C1- 350
- 500
- 700
Accessory
Product Parts
ACCESSORY
Glare shield has been
designed to reduce glare
but not effect output on lit
surface
LED
NICHIA C1 with on
board reverse polarity
protection
OPTIC
High efficiency optics
with a range of beam
angles to create the
perfect effect
BODY
Machined and iridited
body with paint finish
white (RAL 9016)/
black / RAL
OPTIC HOLDER
Matt black anodised
for low glare
FIXING
M4 grub screws
clamp down on the
bracket to secure the
fitting to the wall
Lens Options
/NB - 12° narrow
/MB - 31° medium
/WB - 48° wide
/OB - 36° x 12° oval
CABLE
Either horizontal or
vertical cable exit
(1m standard).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com