Electronic Components Datasheet Search
  English  ▼

X  

TK13 Datasheet(PDF) 3 Page - Clarke International

Part # TK13
Description  TIG WELDING TORCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

TK13 Datasheet(HTML) 3 Page - Clarke International

  TK13 Datasheet HTML 1Page - Clarke International TK13 Datasheet HTML 2Page - Clarke International TK13 Datasheet HTML 3Page - Clarke International TK13 Datasheet HTML 4Page - Clarke International TK13 Datasheet HTML 5Page - Clarke International TK13 Datasheet HTML 6Page - Clarke International TK13 Datasheet HTML 7Page - Clarke International TK13 Datasheet HTML 8Page - Clarke International TK13 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INVENTORY AND APPLICATION
Unpack and lay out the components, checking against the following list. Any
damage which may have been incurred in transit should be reported to your
CLARKE dealer immediately.
The TK9 is designed for use with a 9mm socket.
The TK13 is designed for use with a 13mm socket.
The welding torch comprises the following items:)
• 1 x Torch body with 3.8 metre cable (TK9) / 3.7m cable (TK13)
• 1 x 5mm gas shroud
• 1 x 6mm gas shroud
• 1 x 7mm gas shroud
• 1 x tip adaptor
• 3 x Tungsten sleeves
• 1 x Stubby black cap
• 1 x Long black cap
• Tungsten needles 1.6 & 2.4mm
CLARKE welders that can use these welding torches are as follows;
TK9 Torch (9mm socket)
TK13 Torch (13mm socket)
Multi-Mig 120
MIG200 S-Multi
AT165
MIG250 Multi
MMA120/160/200
MIG270DV Multi
MIG150 Multi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com