Electronic Components Datasheet Search
  English  ▼

X  

GWH3 Datasheet(PDF) 2 Page - Clarke International

Part # GWH3
Description  140A MMA INVERTER WELDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH3 Datasheet(HTML) 2 Page - Clarke International

  GWH3 Datasheet HTML 1Page - Clarke International GWH3 Datasheet HTML 2Page - Clarke International GWH3 Datasheet HTML 3Page - Clarke International GWH3 Datasheet HTML 4Page - Clarke International GWH3 Datasheet HTML 5Page - Clarke International GWH3 Datasheet HTML 6Page - Clarke International GWH3 Datasheet HTML 7Page - Clarke International GWH3 Datasheet HTML 8Page - Clarke International GWH3 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE MMA (Arc) Welder. Before attempting to
operate the machine it is essential that you read this manual thoroughly and
carefully follow all instructions given. In doing so you will ensure the safety of
yourself and that of others around you, and you can also look forward to the
welder giving you long and satisfactory service.
When unpacking, any damage or deficiency should be reported to your
CLARKE dealer immediately.
PRINCIPLES OF THE MACHINE
MMA (Arc) welding uses a coated consumable electrode (stick) to lay the
weld, therefore an additional welding torch kit is not required. The arc melts
the core of the electrode to produce drop s of molten metal (weld pool) that
cool to create the welded joint. Because of the versatility and simplicity of
MMA welding, it requires less skill and is used primarily to weld iron and steel
(including stainless steel. but nickel and copper can also be welded using this
method.
MAIN DESIGN FEATURES
INVENTORY
The items supplied include the following:
• 1 x MMA Inverter Welder
• 1 x Torch Cable with Electrode Holder
• 1 x Earth Clamp & Cable
• 1 x Combination Wire Brush / Hammer
• 1 x Instruction Manual
ARC-FORCE
automatically increases the current to prevent the
electrode sticking when operating with a short arc
length.
HOT START
increases the welding current at the beginning of the
welding process.
ANTI-STICK
the electrode can be easily withdrawn without it
becoming damaged.
VOLTAGE REDUCTION
SAFETY DEVICE (VRD)
reduces open circuit voltage when not in use to pre-
vent accidental injury



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com