Electronic Components Datasheet Search
  English  ▼

X  

GWH3 Datasheet(PDF) 21 Page - Clarke International

Part # GWH3
Description  140A MMA INVERTER WELDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH3 Datasheet(HTML) 21 Page - Clarke International

Back Button GWH3 Datasheet HTML 16Page - Clarke International GWH3 Datasheet HTML 17Page - Clarke International GWH3 Datasheet HTML 18Page - Clarke International GWH3 Datasheet HTML 19Page - Clarke International GWH3 Datasheet HTML 20Page - Clarke International GWH3 Datasheet HTML 21Page - Clarke International GWH3 Datasheet HTML 22Page - Clarke International GWH3 Datasheet HTML 23Page - Clarke International GWH3 Datasheet HTML 24Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
COMPONENT PARTS
NO
DESCRIPTION
NO
DESCRIPTION
1
Front panel
16
Printed circuit board
2
Potentiometer
17
Capacitor
3
Indicator light
18
Silicon bridge radiator
4
Digital display
19
Silicon bridge
5Plug
20
IGBT radiator
6
Gauge cover
21
IGBT
7
Handle
22
Main transformer
8
Cover
23
Rectifier radiator
9
Air Vent
24
Rectifier tube
10
Rear panel
25
Driver transformer
11
Machine base
26
Control PCB
12
Power switch
27
CBB
13
Waterproof joint
28
Positive connector
14
Power cable
29
Negative connector
15
Fan assembly
30
Relay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com