Electronic Components Datasheet Search
  English  ▼

X  

GWH3 Datasheet(PDF) 17 Page - Clarke International

Part # GWH3
Description  MMA/TIG INVERTER WELDERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH3 Datasheet(HTML) 17 Page - Clarke International

Back Button GWH3 Datasheet HTML 13Page - Clarke International GWH3 Datasheet HTML 14Page - Clarke International GWH3 Datasheet HTML 15Page - Clarke International GWH3 Datasheet HTML 16Page - Clarke International GWH3 Datasheet HTML 17Page - Clarke International GWH3 Datasheet HTML 18Page - Clarke International GWH3 Datasheet HTML 19Page - Clarke International GWH3 Datasheet HTML 20Page - Clarke International GWH3 Datasheet HTML 21Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
VOLTAGE REDUCTION DEVICE (VRD)
The VRD is a safety feature that It is also known as “Anti-shock”. It’s function is
to lower the open circuit voltage across the output terminals to a safe 12V
when the welder is not in use.
As soon as the welder is used (a load
of 200 ohms or less is detected), the
voltage will increase to the full output
to enable welding to commence.
The “VRD” will only turn the output of
the welder back to a reduced output
state of 12 volts once the electrode Is
removed from the work piece or if
the resistance across the output rises
above 200 ohms.
If you wish to turn off this feature, set the VRD option on the menu panel to OFF
by pressing the MENU control and turning the control knob. We recommend
that you leave it switched ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com