Electronic Components Datasheet Search
  English  ▼

X  

GWH3 Datasheet(PDF) 27 Page - Clarke International

Part # GWH3
Description  MMA/TIG INVERTER WELDERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH3 Datasheet(HTML) 27 Page - Clarke International

Back Button GWH3 Datasheet HTML 23Page - Clarke International GWH3 Datasheet HTML 24Page - Clarke International GWH3 Datasheet HTML 25Page - Clarke International GWH3 Datasheet HTML 26Page - Clarke International GWH3 Datasheet HTML 27Page - Clarke International GWH3 Datasheet HTML 28Page - Clarke International GWH3 Datasheet HTML 29Page - Clarke International GWH3 Datasheet HTML 30Page - Clarke International GWH3 Datasheet HTML 31Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATIONS
NOTE: The details and specifications contained herein, are correct at the
time of going to print. However, CLARKE International reserve the
right to change specifications at any time without prior notice.
GUARANTEE
This CLARKE product is guaranteed against faulty manufacture for a period of
12 months from the date of purchase. Please keep your receipt as proof of
purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission. This guarantee does not effect your
statutory rights.
MMA/TIG120
MMA/TIG160
MMA/TIG200
Unpacked Weight (kg)
4.0
4.5
Dimensions (l x w x h) (mm)
275 x 117 x 190
263 x114 x184
Power Supply
230V~ 50Hz-(13A)
230V~ 50Hz-(32A)
Connecting plugs
13A
32A
Rated Input Capacity
4.6 KW
6.9 kW
8.7 kW
Rated Input Current
20A/7.7A
30A/11.6A
38A/12A
Rated Duty Cycle (@40oC)
15/60/100%
15/60/100%
10/60/100%
No Load Voltage (V)
70
Output Welding Current
10A-120A
10A-160A
10A-200A
IP Rating
IP21S
Insulation Grade
Class 1 - Grade H
Suitable Electrode size
1.6/2.5/3.2mm
MMA 1.6-4 /TIG1.6-2.4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com