Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 8 Page - Clarke International

Part # HSF1
Description  MMA INVERTER WELDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 8 Page - Clarke International

Back Button HSF1 Datasheet HTML 4Page - Clarke International HSF1 Datasheet HTML 5Page - Clarke International HSF1 Datasheet HTML 6Page - Clarke International HSF1 Datasheet HTML 7Page - Clarke International HSF1 Datasheet HTML 8Page - Clarke International HSF1 Datasheet HTML 9Page - Clarke International HSF1 Datasheet HTML 10Page - Clarke International HSF1 Datasheet HTML 11Page - Clarke International HSF1 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY DEVICES
Safety devices such as interlocks and circuit breakers should not be disconnected or
shunted out. Before installation, inspection, or service of equipment, shut off all
power and remove line fuses (or lock or red-tag switches) to prevent accidental
turning ON of power. DO NOT open power circuit or change polarity while welding. If,
in an emergency, it must be disconnected, guard against shock burns, or flash from
switch arcing. ALWAYS shut OFF and disconnect all power to equipment. A power
disconnect switch must be available near the welding power source.
PREPARATION OF THE WORKING AREA
The working area must be sufficiently spacious, not humid, and well-ventilated as to
avoid any fumes which develop from the welding process and from incidental material
adhering to the pieces to be welded (oils, paints, tars...) which may cause danger to
the operator.
Avoid welding tanks which may contain flammable residuals.
PRECAUTIONS FOR MMA WELDING
1. ALWAYS ensure that there is full free air circulating around the outer casing of
the machine and that the louvres are unobstructed.
2. A welding arc can seriously damage your eyes. Both operator and spectators must
ALWAYS use a proper welding face shield or helmet with suitable filter lenses.
Proper gloves and working clothes should be worn at all times.
3. ALWAYS remove all flammable materials from the welding area.
4. NEVER remove any of the panels unless the machine is disconnected from the
supply and NEVER use the machine with any of the panels removed.
5. NEVER use or store in a damp environment. DO NOT expose to rain.
6. NEVER attempt any electrical or mechanical repair unless your are a qualified
technician. If you have a problem with the machine contact your local CLARKE
dealer.
WARNING: ELECTRIC SHOCK CAN BE FATAL. A PERSON QUALIFIED
IN FIRST AID SHOULD ALWAYS BE PRESENT IN THE WORKING
AREA. IF PERSON IS UNCONSCIOUS AND ELECTRIC SHOCK IS
SUSPECTED, DO NOT TOUCH THE PERSON IF HE OR SHE IS IN
CONTACT WITH THE WELDER OR CABLES. DISCONNECT THE
WELDER FROM THE POWER SOURCE AND THEN USE FIRST AID. DRY
WOOD OR OTHER INSULATING MATERIAL CAN BE USED TO MOVE
CABLES, IF NECESSARY, AWAY FROM THE PERSON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com