Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 16 Page - Clarke International

Part # HSF1
Description  MMA INVERTER WELDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 16 Page - Clarke International

Back Button HSF1 Datasheet HTML 12Page - Clarke International HSF1 Datasheet HTML 13Page - Clarke International HSF1 Datasheet HTML 14Page - Clarke International HSF1 Datasheet HTML 15Page - Clarke International HSF1 Datasheet HTML 16Page - Clarke International HSF1 Datasheet HTML 17Page - Clarke International HSF1 Datasheet HTML 18Page - Clarke International HSF1 Datasheet HTML 19Page - Clarke International HSF1 Datasheet HTML 20Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
The following sizes of rods can be used and are available from your CLARKE dealer.
5. Attach the earth clamp to the workpiece as close as possible to the area being
welded. Clean the workpiece with a wire brush where necessary to ensure the
connection is as clean as possible.
PREPARING THE WORKPIECE
The area being welded should be perfectly clean. Any coating, plating or corrosion
must be removed, otherwise a good weld will be impossible to achieve.
CONTROL SETTINGS
Refer to page 12 for control panel functions.
1. Set the Welding Current Selector knob (4) according to the size of the weld being
performed.
2. Confirm the electrode and cables are configured as shown on page 15.
3. Aim at the welding line and scratch the work piece to start the arc. The “working”
indicator will be on.
With practice you will gain a feel for the correct current setting for different welding
rod thicknesses.
THERMAL OVERLOAD
The ‘Thermal Overload’ shuts off the welder when it becomes too hot, due to the duty
cycle being exceeded. This is to prevent any damage to the machine.
When this occurs, the warning lamp will light up. Allow the welder to cool until the
amber light extinguishes before resuming work.
ROD DIAMETER
WORKPIECE THICKNESS
MMA
1.6 mm wire
1.5 - 2.0 mm
2.5 mm wire
2.5 - 3.0 mm
3.2 mm wire
3.5 - 4.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com