Electronic Components Datasheet Search
  English  ▼

X  

HS1 Datasheet(PDF) 14 Page - Clarke International

Part # HS1
Description  AC/DC TIG WELDER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 14 Page - Clarke International

Back Button HS1 Datasheet HTML 10Page - Clarke International HS1 Datasheet HTML 11Page - Clarke International HS1 Datasheet HTML 12Page - Clarke International HS1 Datasheet HTML 13Page - Clarke International HS1 Datasheet HTML 14Page - Clarke International HS1 Datasheet HTML 15Page - Clarke International HS1 Datasheet HTML 16Page - Clarke International HS1 Datasheet HTML 17Page - Clarke International HS1 Datasheet HTML 18Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
THE MACHINE FEATURES AND CONTROL FUNCTIONS
1. Positive Quick connector
• Positive quick connector socket, for connection of grounding clamp.
2. Remote control cable socket
• Quick connecting remote control terminal.
3. Welding gun switch socket
• Quick connecting control switch cable of the welding gun.
4. Solenoid valve output interface
• Connection to the argon gas connector of the welding gun.
5. Negative Quick connector
• Negative quick connector socket for connection to welding gun.
6. Parameter size adjustment knob
• When the function buttons select different functions, you can use this knob to
adjust the parameter size/value.
7. Welding parameter selection button
• Through this button, you can select the front gas, hot arc starting, arc starting
current, slow rise, welding current, slow drop, end arc current, rear gas and other
functions.
8. AC parameter selection button
• Through this button, you can select AC frequency, duty cycle, pulse width cleaning
and other functions.
9. Welding mode selection button
• This button can be used to select manual welding, DC argon arc welding, pulse
argon arc welding and other functions.
10.AC/DC selection button
• Use this button to select DC or AC mode.
11.Welding waveform selection button
• Through this button, you can select four output waveform processes: square
wave, triangle wave, trapezoidal wave, and sine wave according to the
technological effect that the welding workpiece needs to achieve.
12.Channel and save selection button
• Through this button, the set parameters can be stored, which is convenient for
direct call-up for the next task. This function can save ten parameter settings with
codes 0-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com