Electronic Components Datasheet Search
  English  ▼

X  

HS1 Datasheet(PDF) 2 Page - Clarke International

Part # HS1
Description  AC/DC TIG WELDER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 2 Page - Clarke International

  HS1 Datasheet HTML 1Page - Clarke International HS1 Datasheet HTML 2Page - Clarke International HS1 Datasheet HTML 3Page - Clarke International HS1 Datasheet HTML 4Page - Clarke International HS1 Datasheet HTML 5Page - Clarke International HS1 Datasheet HTML 6Page - Clarke International HS1 Datasheet HTML 7Page - Clarke International HS1 Datasheet HTML 8Page - Clarke International HS1 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Welder. Before attempting to operate the
machine it is essential that you read this manual thoroughly and carefully follow all
instructions given. In doing so you will ensure the safety of yourself and that of others
around you, and you can also look forward to the welder giving you long and
satisfactory service.
When unpacking, any damage or deficiency should be reported to your CLARKE
dealer immediately.
A wide selection of accessories and consumables are available from your CLARKE
dealer.
SPECIFICATIONS
NOTE: The details and specifications contained herein, are correct at the time
of going to print. However, CLARKE International reserve the right to
change specifications at any time without prior notice.
TIG200
Unpacked Weight (kg)
15.85
Dimensions (L x W x H) (mm)
450 x 210 x 410
Power Supply
230V~ 50Hz
Connecting plugs
(32A)
Peak Input Power
6.44 kw
Peak Input Current
28A
Max Output Welding Current
TIG 200A/MMA 160A
IP Rating
IP21
Insulation Grade
Class 1 - Grade H
Suitable electrode size
TIG 1.6, 2.0, 2.4 mm
MMA 1.0,1.2,2.0,2.5 mm
Welding Capacity
5mm (Mild Steel)
3mm (Aluminium



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com