Electronic Components Datasheet Search
  English  ▼

X  

GWH2 Datasheet(PDF) 2 Page - Clarke International

Part # GWH2
Description  MIG/MMA/TIG INVERTER WELDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH2 Datasheet(HTML) 2 Page - Clarke International

  GWH2 Datasheet HTML 1Page - Clarke International GWH2 Datasheet HTML 2Page - Clarke International GWH2 Datasheet HTML 3Page - Clarke International GWH2 Datasheet HTML 4Page - Clarke International GWH2 Datasheet HTML 5Page - Clarke International GWH2 Datasheet HTML 6Page - Clarke International GWH2 Datasheet HTML 7Page - Clarke International GWH2 Datasheet HTML 8Page - Clarke International GWH2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Welder. Before attempting to operate the
machine it is essential that you read this manual thoroughly and carefully follow all
instructions given. In doing so you will ensure the safety of yourself and that of others
around you, and you can also look forward to the welder giving you long and
satisfactory service.
When unpacking, any damage or deficiency should be reported to your CLARKE
dealer immediately.
SPECIFICATIONS
NOTE: The details and specifications contained herein, are correct at the time
of going to print. However, CLARKE International reserve the right to
change specifications at any time without prior notice.
MIG120 Multi
Unpacked Weight (kg)
6.8
Dimensions (l x w x h) (mm)
305 x 155 x 233
Power Supply
230V~ 50Hz
Connecting plugs
BS1363 (13A)
Max Input Power
3.9 KW
Max Input Current
17.3A
No Load Voltage
63V
Output Welding Current
MIG 20A/15V -120A/20v
MMA 20A/18.8V - 100A/24V
TIG 20A/10.8V - 100A/14V
IP Rating
IP21S
Insulation Grade
Class 1 - Grade H
Suitable Electrode size
1.6-3.2mm
Welding Wire size
0.6mm, 0.8mm, 0.9mm & 1.0mm (flux cored)
0.6mm, 0.8mm (solid)
Welding Capacity (Mild Steel)
1-5 mm (MIG)
1.5-4.5 (MMA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com