Electronic Components Datasheet Search
  English  ▼

X  

GWH2 Datasheet(PDF) 35 Page - Clarke International

Part # GWH2
Description  MIG/MMA/TIG INVERTER WELDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH2 Datasheet(HTML) 35 Page - Clarke International

Back Button GWH2 Datasheet HTML 31Page - Clarke International GWH2 Datasheet HTML 32Page - Clarke International GWH2 Datasheet HTML 33Page - Clarke International GWH2 Datasheet HTML 34Page - Clarke International GWH2 Datasheet HTML 35Page - Clarke International GWH2 Datasheet HTML 36Page - Clarke International GWH2 Datasheet HTML 37Page - Clarke International GWH2 Datasheet HTML 38Page - Clarke International GWH2 Datasheet HTML 39Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
35
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
THE MACHINE RATING PLATE
This welder is covered by regulations EN 60974-1:2018+A1:2019 / EN 60974-
10:2014+A1:2015, where the Duty Cycle is expressed as a percentage of time the
machine may be used in a given period for a specified welding current. e.g. When
welding at 140 Amps the machine may be used for 6 minutes (60%) in any10 minute
period,
1
Name/address of manufacturer
9
Energy Supply symbol
2
Model Number / Part Number
10
Range of Output
3
Serial / Batch number
11
Rated No-load Voltage
4
Welding Power Source
12
Conventional Load Voltage symbol
5
British Standards applied
13
Insulation grade
6
Welding Process symbol
14
Rated Supply Voltage
7
Degree of Protection
15
Rated Maximum Supply Current
8
Welding Current symbol
16
Maximum Effective Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com