Electronic Components Datasheet Search
  English  ▼

X  

HS1 Datasheet(PDF) 20 Page - Clarke International

Part # HS1
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 20 Page - Clarke International

Back Button HS1 Datasheet HTML 16Page - Clarke International HS1 Datasheet HTML 17Page - Clarke International HS1 Datasheet HTML 18Page - Clarke International HS1 Datasheet HTML 19Page - Clarke International HS1 Datasheet HTML 20Page - Clarke International HS1 Datasheet HTML 21Page - Clarke International HS1 Datasheet HTML 22Page - Clarke International HS1 Datasheet HTML 23Page - Clarke International HS1 Datasheet HTML 24Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATING THE WELDER
PREPARING THE WORKPIECE
The area being welded should be perfectly clean. Any coating, plating or
corrosion must be removed, otherwise a good weld will be impossible to
achieve.
Attach the earth clamp to the workpiece as close to the point of weld as
possible, without it being intrusive.
OPERATION
1. With the welding current set and the wire trimmed, set the wire feed
control to 6.
2. Plug the machine into the mains supply and switch on.
3. Cover your face with a welding mask or welding helmet.
•
This is essential.
4. Lower the torch to the workpiece with one hand and approach the work
with the torch tip at an angle of about 35o and pull the torch trigger fully.
• As the wire touches the workpiece an arc will be struck.
5. In order to produce a satisfactory weld, the controls may be fine tuned as
required. This will come with practice.
NOTE: MIG welding is an acquired skill. It is strongly advised that, if you
are not fully familiar with this type of welding, you practice on a
piece of material with the same characteristics as your workpiece
until you are satisfied with the result, and you have fine tuned your
welder to produce a satisfactory weld.
NOTE: One of the problems experienced with novice welders is the
welding wire sticking to the contact tip. This is as a result of the
wire feed speed being too slow. It is always better therefore to
start with too high a speed and back off slightly to avoid the
possibility of the wire welding itself to the tip. This is the reason
position 6 is recommended for start up.
NOTE: The Wire Feed control is for fine tuning the wire speed. The speed
of wire delivery will increase automatically as the current is
CAUTION: THE DUTY CYCLE MUST BE ADHERED IN ORDER TO PREVENT
THE THERMAL OVERLOAD PROTECTION FROM ACTIVATING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com