Electronic Components Datasheet Search
  English  ▼

X  

HS1 Datasheet(PDF) 27 Page - Clarke International

Part # HS1
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 27 Page - Clarke International

Back Button HS1 Datasheet HTML 23Page - Clarke International HS1 Datasheet HTML 24Page - Clarke International HS1 Datasheet HTML 25Page - Clarke International HS1 Datasheet HTML 26Page - Clarke International HS1 Datasheet HTML 27Page - Clarke International HS1 Datasheet HTML 28Page - Clarke International HS1 Datasheet HTML 29Page - Clarke International HS1 Datasheet HTML 30Page - Clarke International HS1 Datasheet HTML 31Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ACCESSORIES
The following are some of the accessories available from your CLARKE dealer.
Please quote the part numbers shown below:
A Gas Regulator, Arc Activated Headshields, Anti-spatter Spray, Swan Necks,
Torch Shrouds and Torch Liner are also available from your CLARKE dealer or
our parts division.
Part
Description
Part
number
Comment
Welding Wire
Spools
Flux cored mild steel (mini
spool) 0.9mm
8132110 Use for no gas welding
Mild steel (mini) - 0.6mm
8132100 Use for gas welding
Mild steel (mini) - 0.8mm
8132070 Use for gas welding
Stainless Steel 0.8mm
(mini spool)
8132090
Welding Gas
CO2 (250g)
6000642 For welding mild steel
CO2 (600g)
6000643 For welding mild steel
CO2/Argon Mix
6000660 For welding stainless/
thin sheet mild steel
Welding Tips
0.6 mm (pack of 5)
8132260
0.8 mm (pack of 5)
8132270
1.0 mm (pack of 5)
8132275
Arc Welding
Rods
1.6 x 300mm
3050590
2.0 x 350mm
3050592
2.5 x 350mm
3050594
3.25 x 350mm
3050596
Regulator
Argon Gas Regulator
8134140
Welding Apron
6000920
Gauntlets
Leather (EN407 rated)
8133494
Welding
screen
WSC2 and replacement
screen
6000945
6000910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com