Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 24 Page - Clarke International

Part # HSF1
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 24 Page - Clarke International

Back Button HSF1 Datasheet HTML 20Page - Clarke International HSF1 Datasheet HTML 21Page - Clarke International HSF1 Datasheet HTML 22Page - Clarke International HSF1 Datasheet HTML 23Page - Clarke International HSF1 Datasheet HTML 24Page - Clarke International HSF1 Datasheet HTML 25Page - Clarke International HSF1 Datasheet HTML 26Page - Clarke International HSF1 Datasheet HTML 27Page - Clarke International HSF1 Datasheet HTML 28Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
24
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CONTROL SETTINGS
Refer to page 14 for control panel functions.
MIG WELDING WITH GAS
1. Turn on the gas regulator of the gas cylinder. The gas pressure is shown by the
gauge.
2. Turn the gas regulator anticlockwise. Loosen the wire roller while depressing on
the torch switch and adjusting the gas flow as required. Check the tension on the
wire roller.
3. Depress the torch switch until the wire extends to the nozzle.
4. Set the Wire Feed rocker switch (5) to T2/T4 as required.
5. Set the MIG/MMA/LIFT TIG function selector switch (6) to the torch setting.
6. Set the Wire Speed selector control (7) to an intermediate setting.
7. Set the Welding Current Selector
knob (10) according to the size of the
weld being performed.
8. Set the Inductance Mode selector
knob (8) left or right according to the
shape of the weld (either deep/
narrow or wide/shallow.
9. Confirm the torch and cables are
configured as shown on page 21.
FLUX WELDING WITH NO GAS
1. Set the rocker switch (5) to T2/T4 as required.
2. Set the MIG/MMA/LIFT TIG function selector switch (6) to the Torch setting.
3. Set the Wire Speed selector control (7) to an intermediate setting.
4. Set the Welding Current Selector knob (10) according to the size of the weld being
performed.
5. Set the Mode selector knob (8) to left or right according to the shape of the weld
(either deep/narrow or wide/shallow.
6. Confirm the torch and cables are configured as shown on page 21.
MMA ELECTRODE WELDING
1. Set the MIG/MMA/LIFT TIG function selector switch (6) to the electrode setting.
2. Set the Welding Current Selector knob (10) according to the size of the weld being
performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com