Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 3 Page - Clarke International

Part # HSF1
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 3 Page - Clarke International

  HSF1 Datasheet HTML 1Page - Clarke International HSF1 Datasheet HTML 2Page - Clarke International HSF1 Datasheet HTML 3Page - Clarke International HSF1 Datasheet HTML 4Page - Clarke International HSF1 Datasheet HTML 5Page - Clarke International HSF1 Datasheet HTML 6Page - Clarke International HSF1 Datasheet HTML 7Page - Clarke International HSF1 Datasheet HTML 8Page - Clarke International HSF1 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PRINCIPLES OF THE MACHINE
The MIG150 Multi is an inverter type welding machine, suitable to carry out Gas and
No Gas CO2 welding, MMA, TIG and MIG. The welder is mainly used for CO2 gas
protected welding which has the advantages of high energy efficiency, strong arc
penetration and small welding deformation.
Weldable materials include low carbon steel, low alloy steel, high strength steel,
stainless steel and aluminium alloy. Methods include full position spot welding, butt
welding, fillet welding and lap welding. The stable welding process can be obtained
by using pure CO2, CO2+Ar, CO2+ O2 and other protective gases. The torch is suitable
for wire diameters of 0.6-1.0mm.
Manual Metal Arc (MMA) welding uses a coated consumable electrode (stick) to lay
the weld, therefore an additional welding torch kit is not used. The arc melts the core
of the electrode to produce drops of molten metal (weld pool) that cool to create the
welded joint. Because of the versatility and simplicity of MMA welding, it requires less
skill and is used primarily to weld iron and steel (including stainless steel. but nickel
and copper can also be welded using this method.)
MIG (Metal Inert Gas) welding allows you to fuse together two similar metals without
altering the properties of the metal.
A consumable wire electrode is continuously fed through the welding torch fitted with
a concentric gas nozzle. the wire is connected to a high voltage supply which creates
an electric arc between the electrode (the wire) and the workpiece. The arc is used to
create the required heat to turn the metal into a molten state. The wire is used as
both the electrode and as a filler.
The gas is used to prevent oxidation and to shield the arc and the weld from
atmospheric contamination. The choice of gas is dependent upon the material being
welded. This machine is designed to be used for both metal ARC (MMA) and TIG
welding.
A TIG torch kit is not supplied with the machine. These are readily available from your
CLARKE dealer (Part number 6012232/6012239).
A wide selection of accessories and consumables are available from your CLARKE
dealer (see page 40).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com