Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 21 Page - Clarke International

Part # HSF1
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 21 Page - Clarke International

Back Button HSF1 Datasheet HTML 17Page - Clarke International HSF1 Datasheet HTML 18Page - Clarke International HSF1 Datasheet HTML 19Page - Clarke International HSF1 Datasheet HTML 20Page - Clarke International HSF1 Datasheet HTML 21Page - Clarke International HSF1 Datasheet HTML 22Page - Clarke International HSF1 Datasheet HTML 23Page - Clarke International HSF1 Datasheet HTML 24Page - Clarke International HSF1 Datasheet HTML 25Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
The wire spool support axle is equipped with a damping adjustment mechanism with
an adjustment bolt at its centre.
THE MACHINE CONTROL MENU
RECOMMENDED PRESSURES
Wire Dia
Recommended Pressure
1.2
4 - 5
1.0
3 - 4
0.8
2 - 3
Code Functions
Details
Description
Default
setting
F00
Standard/Fast Feeding
mode select
ON/OFF
OFF-standard
On-Fast Feeding
OFF
F01
Burn back (s)
5.0~5.0
Burn back time setting
0.0
F02
Slow feeding (m/min)
5.0~5.0
Only control it under F00-
OFF
0.0
F03
Pre-gas (s)
0.01-2.00s
Post gas time setting
0.10
F04
Post gas (s)
0.01-2.00s
Post gas time setting
0.50
F05
Start arcing (%)
0-200
Only control it under F00-
OFF
125
Start arc length
-5.0~5.0
Under hidden menu and
press “Synergic” control
0.0
F06
Extinguishing arc (%)
0-200
Only control it under F00-
OFF
60
Extinguishing arc
-5.0~5.0
Under hidden menu and
press “Synergic” control
0.0
F07
Transition time (s)
0.1-9.9
Only control it under F00-
OFF
0.5
F17
Start arcing time
OFF-0.1-9.9 Only control it under F00-
OFF and 2-step
OFF
F18
Arc extinguishing time
OFF-0.1-9.9 Only control it under F00-
OFF and 2-step
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com