Electronic Components Datasheet Search
  English  ▼

X  

HSF1 Datasheet(PDF) 3 Page - Clarke International

Part # HSF1
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 3 Page - Clarke International

  HSF1 Datasheet HTML 1Page - Clarke International HSF1 Datasheet HTML 2Page - Clarke International HSF1 Datasheet HTML 3Page - Clarke International HSF1 Datasheet HTML 4Page - Clarke International HSF1 Datasheet HTML 5Page - Clarke International HSF1 Datasheet HTML 6Page - Clarke International HSF1 Datasheet HTML 7Page - Clarke International HSF1 Datasheet HTML 8Page - Clarke International HSF1 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PRINCIPLES OF THE MACHINE
The MIG250 Multi is an inverter type welding machine, suitable to carry out Gas and
No Gas CO2 welding, MMA, TIG and MIG. The welder is mainly used for CO2 gas
protected welding which has the advantages of high energy efficiency, strong arc
penetration and small welding deformation.
Weldable materials include low carbon steel, low alloy steel, high strength steel,
stainless steel and aluminium alloy. Methods include full position spot welding, butt
welding, fillet welding and lap welding. The stable welding process can be obtained
by using pure CO2, CO2+Ar, CO2+ O2 and other protective gases. The torch is suitable
for wire diameters of 0.8-1.0mm.
Manual Metal Arc (MMA) welding uses a coated, consumable electrode (stick) to
lay the weld. The arc melts the core of the electrode to produce drops of molten
metal (weld pool) to create the welded joint. Because of the versatility and simplicity
of MMA welding, it requires less skill and is used primarily to weld iron and steel
(including stainless steel). but nickel and copper can also be welded using this
method.
MIG (Metal Inert Gas) welding allows you to fuse together two similar metals
without altering the properties of the metal. A consumable wire electrode is
continuously fed through the welding torch fitted with a concentric gas nozzle. the
wire is connected to a high voltage supply which creates an electric arc between the
electrode (the wire) and the workpiece. The arc is used to create the required heat to
turn the metal into a molten state. The wire is used as both the electrode and as a
filler.
The gas is used to prevent oxidation and to shield the arc and the weld from
atmospheric contamination. The choice of gas is dependent upon the material being
welded. This machine is designed to be used for both metal ARC (MMA) and TIG
welding.
TECHNICAL FEATURES
This welder adopts IGBT (insulated-gate bipolar transistor) soft switch inverter
technology, the single-phase power input, after rectifying, will be converted to 20KHz
high frequency AC by the IGBT, then the voltage drops after HF transformer, second
rectification and filtering to be a welding suitable DC (Direct Current). Through this
process, the dynamic response speed of the welded power supply is improved and
makes it more compact. The control circuit controls the whole machine so that the
welding power supply has good anti-grid fluctuation ability and excellent welding
performance.
• The MIG250 Multi is equipped with high-speed ARM platform, adopting a unique
fine waveform control method with low spatter and an elegant weld bead.
• The MIG250 Multi gives a freely adjustable arc shape with the “Arc Control” knob
and can set the inductance of the arc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com