Electronic Components Datasheet Search
  English  ▼

X  

LD10235 Datasheet(PDF) 1 Page - LightGraphix

Part # LD10235
Description  HIGH-POWER FLOOR OR CEILING MOUNTED SPOTLIGHT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD10235 Datasheet(HTML) 1 Page - LightGraphix

  LD10235 Datasheet HTML 1Page - LightGraphix LD10235 Datasheet HTML 2Page - LightGraphix LD10235 Datasheet HTML 3Page - LightGraphix LD10235 Datasheet HTML 4Page - LightGraphix LD10235 Datasheet HTML 5Page - LightGraphix LD10235 Datasheet HTML 6Page - LightGraphix LD10235 Datasheet HTML 7Page - LightGraphix LD10235 Datasheet HTML 8Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LD10235
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 8 | Data sheet issued: 20 May 2026
For fitting dimensions please go to page 4.
>
E3 engine featuring the NICHIA LED, delivering up to 653 lumens in 3000K with
2-step binning and built-in reverse polarity protection
>
Available with F1, CLR, RGBW and Tunable White LED engines and optional 2nd
channel LEDs for secondary lighting applications
>
Surface mounted version of the LD151 recessed uplight
>
Range of beam angles, featuring narrow 12° spot for lighting columns and arches,
or a 15°x 49° spreader lens, which is ideal for wall washing applications
>
Single light source and optic produces a very consistent beam with no multiple
shadows
>
LED and lens recessed in a matt black anodised body for reduced glare
>
Optional glare shield accessories available for reduced glare
>
Body is a machined solid billet of aluminium
>
Paint finishes include: White (RAL 9016), Silver, Anthracite Grey (RAL 7016), Black
(RAL 9005
), Antique Bronze, Satin Antique Brass, Satin Brass or any RAL finish
>
Available with Switched, 0-10V, Casambi, DMX, Dali or Mains dimmable drivers
KEY FEATURES
Dimensions in mm
DIMENSIONS
Ø68
80
HIGH-POWER FLOOR OR CEILING
MOUNTED SPOTLIGHT
LD10235
The LD10235 is a powerful floor and ceiling mounted spotlight
suitable for interior or exterior applications and designed
around our powerful LD150 and LD151 uplights. It can be
specified with a wide range of options allowing it to suit
most project requirements. Available LED engines include
E3, Tunable White, CLR, RGBW and F1 which offer a range of
colour temperatures between 2200K-5000K and beam angles
with multiple accessories to choose from. The deep recessed
LED and matt black inner baffle allow for an ultra-low glare
illumination. Equipped with a built-in anti-wicking barrier for
added protection against water ingress, the LD10235 has a
sleek body that is a machined billet of aluminium, available
in multiple paint finishes. This is a very tough, high quality
fitting, machined from high grade materials, ensuring excellent
thermal and light output performance.


Similar Part No. - LD10235

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD10236 LIGHTGRAPHIX-LD10236 Datasheet
3Mb / 7P
HIGH-POWER DOUBLE OUTPUT HIGH-POWER DOUBLE OUTPUT
20 May 2026
LD10236-CLR-500 LIGHTGRAPHIX-LD10236-CLR-500 Datasheet
1Mb / 5P
HIGH-POWER RECESSED INTERIOR/EXTERIOR FLOOR WASHER
21 May 2026
LD10236-E3-350 LIGHTGRAPHIX-LD10236-E3-350 Datasheet
3Mb / 7P
HIGH-POWER DOUBLE OUTPUT HIGH-POWER DOUBLE OUTPUT
20 May 2026
LD10236-E3-500 LIGHTGRAPHIX-LD10236-E3-500 Datasheet
3Mb / 7P
HIGH-POWER DOUBLE OUTPUT HIGH-POWER DOUBLE OUTPUT
20 May 2026
LD10236-RGBW-350 LIGHTGRAPHIX-LD10236-RGBW-350 Datasheet
1Mb / 5P
HIGH-POWER RECESSED INTERIOR/EXTERIOR FLOOR WASHER
21 May 2026
More results

Similar Description - LD10235

ManufacturerPart #DatasheetDescription
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
Taoglas antenna solutio...
CM.02.03F21.02806 TAOGLAS-CM.02.03F21.02806_17 Datasheet
758Kb / 11P
CEILING-MOUNTED 3DBI WIDE-BAND ANTENNA 700MHZ TO 6GHZ
logo
SHENZHEN FUMAN ELECTRON...
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
LED power spotlight driver IC
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
logo
TE Connectivity Ltd
1-1773963-2 TEC-1-1773963-2 Datasheet
1Mb / 2P
CEILING MOUNTED MIMO WIFI ANTENNA
logo
EnOcean GmbH.
EOSCA ENOCEAN-EOSCA Datasheet
188Kb / 2P
Occupancy Sensor Ceiling Mounted
V2.4 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com