Electronic Components Datasheet Search
  English  ▼

X  

LD10235 Datasheet(PDF) 4 Page - LightGraphix

Part # LD10235
Description  HIGH-POWER FLOOR OR CEILING MOUNTED SPOTLIGHT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD10235 Datasheet(HTML) 4 Page - LightGraphix

  LD10235 Datasheet HTML 1Page - LightGraphix LD10235 Datasheet HTML 2Page - LightGraphix LD10235 Datasheet HTML 3Page - LightGraphix LD10235 Datasheet HTML 4Page - LightGraphix LD10235 Datasheet HTML 5Page - LightGraphix LD10235 Datasheet HTML 6Page - LightGraphix LD10235 Datasheet HTML 7Page - LightGraphix LD10235 Datasheet HTML 8Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LD10235
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 8 | Data sheet issued: 20 May 2026
Mounting plate
Top view
Side view
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
16.8
9
Ø68
33
80
Ø39
Ø68
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
16.8
9
Ø68
33
80
Ø39
Ø39
26.8
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
16.8
9
Ø68
33
80
Ø39
33
80
LD10235 comes with a choice of glare control options to further reduce glare from the powerful LED and optic. This does not reduce the light on the lit surface (wall) but it will cut out some
light onto the ceiling or floor. Please refer to our photometric files for lumen data that is available to download from our website.
The LD10235 features a sleek body with an integrated groove designed specifically for a flush cable exit when mounted. This design ensures a clean and seamless installation,
allowing cables to be neatly concealed.
/GS Glare shield
Standard glare shield provides an excellent balance
between glare control and light output.This accessory
works well in most applications.
/GSHM Half moon glare shield
Half-moon glare shield for applications that require very
low glare. Minimal loss of light on lit surface (wall) but
overall lumen output typically reduced by 50-60%.
/NGS No glare shield
No glare shield. Deep recessed optic and matt black
anodised optic holder aids in glare reduction.
GLARE SHIELD OPTIONS
CABLE EXIT
Dimensions in mm
DIMENSIONS
1:1 Scale for
CAD Download
Ø39
16.8
9
Ø68
32.8
80
9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com