Electronic Components Datasheet Search
  English  ▼

X  

LINE11 Datasheet(PDF) 1 Page - LightGraphix

Part # LINE11
Description  EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LINE11 Datasheet(HTML) 1 Page - LightGraphix

  LINE11 Datasheet HTML 1Page - LightGraphix LINE11 Datasheet HTML 2Page - LightGraphix LINE11 Datasheet HTML 3Page - LightGraphix LINE11 Datasheet HTML 4Page - LightGraphix LINE11 Datasheet HTML 5Page - LightGraphix LINE11 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LINE 11
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 6 | Data sheet issued: 29 April 2026
KEY FEATURES
>
Colour-matched to the full LightGraphix range for uniform illumination
across all luminaire types
>
Low-profile polycarbonate extrusion with custom frost for uniform diffusion
>
Colour-matched LEDs within 2-step MacAdam ellipse
>
Continuous lengths up to 4.024m, 50mm cut increments
>
Various LED outputs, including RGB options
>
Vertical flexibility to a 500mm minimum bend radius
>
Wide ambient temperature range from -20°C to 55°C
>
IP67 protection (IP54 as standard); integral anti-wicking barrier on sealed version
>
Range of mounting profiles
>
Dimming: Switched, 1–10 V, DMX, DALI
>
Designed, manufactured, and tested in the UK
DIMENSIONS
Dimensions in mm
LINE 11
Colour-Matched. Precision-Cut. Quality-Assured.
Built to Blend. Install-Ready.
Trusted by designers for precision, consistency, and total
system integration. Our updated and extended Linear range
brings that same expertise to flexible and rigid luminaires,
giving you the freedom to create clean, continuous lines of
light, perfectly matched in colour, quality, and performance
across every application.
Line 11 delivers a slim, protective housing solution for LED
illumination in the smallest architectural details. Using a
custom polycarbonate extrusion with a fine diffused finish,
it produces smooth, even light while shielding LEDs from
impact, dust, and moisture. Designed as a cost-effective yet
durable alternative to bare LED tape, Line 11 combines refined
optical performance with installation ease and flexibility.
Each fitting is built to order and tested in-house, ensuring
precise lengths, clean visual continuity, and long-term
reliability in interior, exterior, or marine environments.
EXTERIOR/ INTERIOR LINEAR RIGID
- LOW PROFILE
11
16
Specify
DIM
For fixings and dimensions please go to page 3.


Similar Part No. - LINE11

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LINE15 LIGHTGRAPHIX-LINE15 Datasheet
2Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID
23 April 2026
More results

Similar Description - LINE11

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
Automotive Lighting Interior and Exterior
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com