Electronic Components Datasheet Search
  English  ▼

X  

LINE11 Datasheet(PDF) 4 Page - LightGraphix

Part # LINE11
Description  EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LINE11 Datasheet(HTML) 4 Page - LightGraphix

  LINE11 Datasheet HTML 1Page - LightGraphix LINE11 Datasheet HTML 2Page - LightGraphix LINE11 Datasheet HTML 3Page - LightGraphix LINE11 Datasheet HTML 4Page - LightGraphix LINE11 Datasheet HTML 5Page - LightGraphix LINE11 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LINE 11
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 6 | Data sheet issued: 29 April 2026
DIMENSIONS AND FIXING ACCESSORIES
45°
1:1 Scale for
CAD Download
Template for
Scaling
70%
9
15
11
16
14.5
14.5
LD11
/SC Fixing Clip
/SC45 45° Fixing Clip
21.5
21
19
19
/E2121 ‘U’ Channel
/L1919 ‘L’ Channel
19
19
/L1919 ‘L’ Channel
with
/SC45 45° Fixing Clip
4
36
16
4
16.5
6.5
16
16
DIM
6.5
6.5
LD11
16
4
DIM
17
7
LD11/IP67 with PTFE single cores
4
16
17
DIM
7
LD11/IP67 with standard 2 core exterior cable
16
13
17
4
23.5
6
Min
DIM
Min
DIM
20
20
Min
DIM
Recommended mounting details when using multiple lengths to
ensure a continuous wash of light.
20
20
45°
1:1 Scale for
CAD Download
Template for
Scaling
70%
9
15
11
16
14.5
14.5
LD11
/SC Fixing Clip
/SC45 45° Fixing Clip
21.5
21
19
19
/E2121 ‘U’ Channel
/L1919 ‘L’ Channel
19
19
/L1919 ‘L’ Channel
with
/SC45 45° Fixing Clip
4
36
16
4
16.5
6.5
16
16
DIM
6.5
6.5
LD11
16
4
DIM
17
7
LD11/IP67 with PTFE single cores
4
16
17
DIM
7
LD11/IP67 with standard 2 core exterior cable
16
13
17
4
23.5
6
Min
DIM
Min
DIM
20
20
Min
DIM
Recommended mounting details when using multiple lengths to
ensure a continuous wash of light.
20
20
6.5
6.5
Specify DIM
16
4
11
16
/SC Spring Clip
140°
DIM
6.5
6.5
16
4
45°
14.5
14.5
/SC45 45° Spring Clip
LD11
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
21.5
21
/E2121 ‘U’ Channel
16
19
19
/L1919 ‘L’ Channel
19
19
/L1919 ‘L’ Channel
with
/SC45 45° Spring Clip
16
16
11
140°
Dimensions in mm
IP67 RATED
45°
1:1 Scale for
CAD Download
Template for
Scaling
70%
9
15
11
16
14.5
14.5
LD11
/SC Fixing Clip
/SC45 45° Fixing Clip
21.5
21
19
19
/E2121 ‘U’ Channel
/L1919 ‘L’ Channel
19
19
/L1919 ‘L’ Channel
with
/SC45 45° Fixing Clip
4
36
16
4
16.5
6.5
16
16
DIM
6.5
6.5
LD11
16
4
DIM
17
7
LD11/IP67 with PTFE single cores
4
16
17
DIM
7
LD11/IP67 with standard 2 core exterior cable
16
13
17
4
23.5
6
Min
DIM
Min
DIM
20
20
Min
DIM
Recommended mounting details when using multiple lengths to
ensure a continuous wash of light.
20
20
Specify DIM
17
7
To achieve an IP67 rating, resin is used to seal each end of the product, and the cable upgraded to an exterior version. This does create a larger gap between the last LED and the end of the
extrusion, so particular attention needs to be paid to the mounting detail to avoid a gap in the light between multiple lengths. Please see the suggested mounting details section on page 5 for
more information.
FIXINGS
PROFILES
Dimensions in mm
Dimensions in mm
/E1917 Aluminium P Channel.
Aluminium P channel angled at 45°.
Ideal for shelf details. Silver anodised
as standard.
Comes with fixing clips attached.
/LBM ‘L’ Bracket Mounting
L brackets allow for when the mounting
surface is at 90° from the orientation
needed for the product.
Comes with fixing clips attached
/SC Flat Fixing Clip
Flat fixing clips provide a simple easily
installable option for attaching the product
to the mounting surface.
/E2121 U Channel
The U channel is supplied in silver anodised
as standard, and with clips attached. It is
useful for details where glare is an issue or
in details that require the
Line11 to be hidden.
Min
DIM
Recommended mounting details when using multiple lengths to
ensure a continuous wash of light.
20
Min
DIM
13
17
4
26
8
IP54 / IP67
2 lengths
with non
cable exit
end butted up
IP54
More than
2 lengths
IP67
More than
2 lengths
20
Min DIM
20
Min DIM
40
Min DIM
Min
DIM
17
Min
DIM
Min
DIM
Recommended mounting details when using multiple lengths to
ensure a continuous wash of light.
20
Min
DIM
13
17
4
26
8
IP54 / IP67
2 lengths
with non
cable exit
end butted up
IP54
More than
2 lengths
IP67
More than
2 lengths
20
Min DIM
20
Min DIM
40
Min DIM
Min
DIM
17
Min
DIM
Min
DIM
Recommended mounting details when using multiple lengths to
ensure a continuous wash of light.
20
Min
DIM
13
17
4
26
8
IP54 / IP67
2 lengths
with non
cable exit
end butted up
IP54
More than
2 lengths
IP67
More than
2 lengths
20
Min DIM
20
Min DIM
40
Min DIM
Min
DIM
17
Min
DIM
45°
1:1 Scale for
CAD Download
Template for
Scaling
70%
9
15
11
16
14.5
14.5
LD11
/SC Fixing Clip
/SC45 45° Fixing Clip
21.5
21
19
19
/E2121 ‘U’ Channel
/L1919 ‘L’ Channel
19
19
/L1919 ‘L’ Channel
with
/SC45 45° Fixing Clip
4
36
16
4
16.5
6.5
16
16
DIM
6.5
6.5
LD11
16
4
DIM
17
7
LD11/IP67 with PTFE single cores
4
16
17
DIM
7
LD11/IP67 with standard 2 core exterior cable
16
13
17
4
23.5
6
Min
DIM
Min
DIM
20
20
Min
DIM
Recommended mounting details when using multiple lengths to
ensure a continuous wash of light.
20
20
16
/SC Spring Clip
11
16
140°
DIM
6.5
6.5
16
4
LD11/IP54
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
21.5
21
/E2121 ‘U’ Channel
16
17
DIM
7
16
LD11/IP67
8
17
19
6
45°
/E1917 45° ‘P’ Channel
20
18
/LBM ‘L’ bracket mounting
20
18
45°
1:1 Scale for
CAD Download
Template for
Scaling
70%
9
15
11
16
14.5
14.5
LD11
/SC Fixing Clip
/SC45 45° Fixing Clip
21.5
21
19
19
/E2121 ‘U’ Channel
/L1919 ‘L’ Channel
19
19
/L1919 ‘L’ Channel
with
/SC45 45° Fixing Clip
4
36
16
4
16.5
6.5
16
16
DIM
6.5
6.5
LD11
16
4
DIM
17
7
LD11/IP67 with PTFE single cores
4
16
17
DIM
7
LD11/IP67 with standard 2 core exterior cable
16
13
17
4
23.5
6
Min
DIM
Min
DIM
20
20
Min
DIM
Recommended mounting details when using multiple lengths to
ensure a continuous wash of light.
20
20
11
16
45°
1:1 Scale for
CAD Download
Template for
Scaling
70%
9
15
11
16
14.5
14.5
LD11
/SC Fixing Clip
/SC45 45° Fixing Clip
21.5
21
19
19
/E2121 ‘U’ Channel
/L1919 ‘L’ Channel
19
19
/L1919 ‘L’ Channel
with
/SC45 45° Fixing Clip
4
36
16
4
16.5
6.5
16
16
DIM
6.5
6.5
LD11
16
4
DIM
17
7
LD11/IP67 with PTFE single cores
4
16
17
DIM
7
LD11/IP67 with standard 2 core exterior cable
16
13
17
4
23.5
6
Min
DIM
Min
DIM
20
20
Min
DIM
Recommended mounting details when using multiple lengths to
ensure a continuous wash of light.
20
20
21
21.5
/SC Spring Clip
11
16
140°
DIM
6.5
6.5
16
4
LD11/IP54
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
21.5
21
/E2121 ‘U’ Channel
16
17
DIM
7
16
LD11/IP67
8
17
19
6
45°
/E1917 45° ‘P’ Channel
20
18
/LBM ‘L’ bracket mounting
19
17
6
45°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com