Electronic Components Datasheet Search
  English  ▼

X  

LINE22 Datasheet(PDF) 1 Page - LightGraphix

Part # LINE22
Description  INTERIOR LINEAR RIGID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LINE22 Datasheet(HTML) 1 Page - LightGraphix

  LINE22 Datasheet HTML 1Page - LightGraphix LINE22 Datasheet HTML 2Page - LightGraphix LINE22 Datasheet HTML 3Page - LightGraphix LINE22 Datasheet HTML 4Page - LightGraphix LINE22 Datasheet HTML 5Page - LightGraphix LINE22 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LINE 22
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 6 | Data sheet issued: 2 April 2026
KEY FEATURES
>
Colour-matched to the full LightGraphix range for uniform illumination
across all luminaire types
>
Slim, low-profile linear system with wide-beam distribution
>
24 V DC system allowing long lengths from a single driver
>
Colour-matched LEDs within 2-step MacAdam ellipse
>
Continuous lengths up to 3.014m; 50mm cut increments
>
Various LED outputs, including Tunable White and RGB options
>
Clear cover as standard; frosted diffuser available for softer light effect
>
Interlinked option for curved details
>
IP40 as standard; IP54 version for humid environments
>
Range of mounting options
>
Dimming: Switched, 1–10 V, DMX, DALI
>
Designed, manufactured, and tested in the UK
DIMENSIONS
Dimensions in mm
For full dimensions please go to page 3.
LINE 22
Colour-Matched. Precision-Cut. Quality-Assured.
Built to Blend. Install-Ready.
Trusted by designers for precision, consistency, and total
system integration. Our updated and extended Linear range
brings that same expertise to flexible and rigid luminaires,
giving you the freedom to create clean, continuous lines of
light, perfectly matched in colour, quality, and performance
across every application.
Line 22 is a compact, high-output linear system designed for
architectural applications requiring broad, even illumination
within limited space. Its low-profile body and wide beam
distribution make it ideal for coves, shelves, and feature
recesses. Offered with multiple LED outputs and diffuser
options, Line 22 delivers specification-grade performance and
visual comfort in a refined, minimal form.
Each fitting is built to order and tested in-house, ensuring
precise lengths, clean visual continuity, and long-term
reliability in interior, exterior, or marine environments.
INTERIOR LINEAR RIGID
9
22
Specify
DIM


Similar Part No. - LINE22

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LINE 11-LT1400 LIGHTGRAPHIX-LINE 11-LT1400 Datasheet
4Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
29 April 2026
LINE 11-LT500 LIGHTGRAPHIX-LINE 11-LT500 Datasheet
4Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
29 April 2026
LINE 15-LT1400 LIGHTGRAPHIX-LINE 15-LT1400 Datasheet
2Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID
23 April 2026
LINE 15-LT2000 LIGHTGRAPHIX-LINE 15-LT2000 Datasheet
2Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID
23 April 2026
LINE 15-LT500 LIGHTGRAPHIX-LINE 15-LT500 Datasheet
2Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID
23 April 2026
More results

Similar Description - LINE22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E67008 ETC-E67008 Datasheet
34Kb / 1P
Polypropylene Semi-Rigid Notebooks
logo
PANDUIT CORP.
LD2P10EI8-A PANDUIT-LD2P10EI8-A Datasheet
75Kb / 1P
RIGID PVC POLYVINYL CHLORIDE
logo
List of Unclassifed Man...
PLP5-250 ETC2-PLP5-250 Datasheet
398Kb / 1P
rigid light pipes
logo
Adam Technologies, Inc.
RF2-02-D-02-50 ADAM-TECH-RF2-02-D-02-50 Datasheet
967Kb / 1P
SMA MALE SEMI RIGID
RF2-03-T-00-50 ADAM-TECH-RF2-03-T-00-50 Datasheet
83Kb / 1P
SMA MALE SEMI RIGID
RF2-03-T-00-50-G ADAM-TECH-RF2-03-T-00-50-G Datasheet
116Kb / 1P
SMA MALE SEMI RIGID
RF11-12-T-08-75-G ADAM-TECH-RF11-12-T-08-75-G Datasheet
110Kb / 1P
MCX MALE RIGID 50
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com