Electronic Components Datasheet Search
  English  ▼

X  

LINE22 Datasheet(PDF) 4 Page - LightGraphix

Part # LINE22
Description  INTERIOR LINEAR RIGID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LINE22 Datasheet(HTML) 4 Page - LightGraphix

  LINE22 Datasheet HTML 1Page - LightGraphix LINE22 Datasheet HTML 2Page - LightGraphix LINE22 Datasheet HTML 3Page - LightGraphix LINE22 Datasheet HTML 4Page - LightGraphix LINE22 Datasheet HTML 5Page - LightGraphix LINE22 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LINE 22
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 6 | Data sheet issued: 2 April 2026
DIMENSIONS AND FIXING ACCESSORIES
Dimensions in mm
FIXINGS
Dimensions in mm
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
25.5
22
9
10.5
25.1
10.5
139°
102°
15
35.4
12
23
23
12
35.4
10
12.9
3
34
30
27
19.6
17.6
28.5
Ø
4.5
Ø
4.5
Ø
4.5
25
4
1.2
1.2
7
/SC Fixing clip
/BEM Bracket End Mounting
/BSM Bracket Side Mounting
/ABM Adjustable Bracket
10.5
25.1
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
25.5
22
9
10.5
25.1
10.5
139°
102°
15
35.4
12
23
23
12
35.4
10
12.9
3
34
30
27
19.6
17.6
28.5
Ø
4.5
Ø
4.5
Ø
4.5
25
4
1.2
1.2
7
/SC Fixing clip
/BEM Bracket End Mounting
/BSM Bracket Side Mounting
/ABM Adjustable Bracket
15
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
25.5
22
9
10.5
25.1
10.5
139°
102°
15
35.4
12
23
23
12
35.4
10
12.9
3
34
30
27
19.6
17.6
28.5
Ø
4.5
Ø
4.5
Ø
4.5
25
4
1.2
1.2
7
/SC Fixing clip
/BEM Bracket End Mounting
/BSM Bracket Side Mounting
/ABM Adjustable Bracket
35.4
10
3
12
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
25.5
22
9
10.5
25.1
10.5
139°
102°
15
35.4
12
23
23
12
35.4
10
12.9
3
34
30
27
19.6
17.6
28.5
Ø
4.5
Ø
4.5
Ø
4.5
25
4
1.2
1.2
7
/SC Fixing clip
/BEM Bracket End Mounting
/BSM Bracket Side Mounting
/ABM Adjustable Bracket
23
Ø4.5
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
25.5
22
9
10.5
25.1
10.5
139°
102°
15
35.4
12
23
23
12
35.4
10
12.9
3
34
30
27
19.6
17.6
28.5
Ø
4.5
Ø
4.5
Ø
4.5
25
4
1.2
1.2
7
/SC Fixing clip
/BEM Bracket End Mounting
/BSM Bracket Side Mounting
/ABM Adjustable Bracket
12
23
12
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
25.5
22
9
10.5
25.1
10.5
139°
102°
15
35.4
12
23
23
12
35.4
10
12.9
3
34
30
27
19.6
17.6
28.5
Ø
4.5
Ø
4.5
Ø
4.5
25
4
1.2
1.2
7
/SC Fixing clip
/BEM Bracket End Mounting
/BSM Bracket Side Mounting
/ABM Adjustable Bracket
Ø4.5
35.4
12.9
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
25.5
22
9
10.5
25.1
10.5
139°
102°
15
35.4
12
23
23
12
35.4
10
12.9
3
34
30
27
19.6
17.6
28.5
Ø
4.5
Ø
4.5
Ø
4.5
25
4
1.2
1.2
7
/SC Fixing clip
/BEM Bracket End Mounting
/BSM Bracket Side Mounting
/ABM Adjustable Bracket
27
34
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
25.5
22
9
10.5
25.1
10.5
139°
102°
15
35.4
12
23
23
12
35.4
10
12.9
3
34
30
27
19.6
17.6
28.5
Ø
4.5
Ø
4.5
Ø
4.5
25
4
1.2
1.2
7
/SC Fixing clip
/BEM Bracket End Mounting
/BSM Bracket Side Mounting
/ABM Adjustable Bracket
28.5
17.6
19.6
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
25.5
22
9
10.5
25.1
10.5
139°
102°
15
35.4
12
23
23
12
35.4
10
12.9
3
34
30
27
19.6
17.6
28.5
Ø
4.5
Ø
4.5
Ø
4.5
25
4
1.2
1.2
7
/SC Fixing clip
/BEM Bracket End Mounting
/BSM Bracket Side Mounting
/ABM Adjustable Bracket
Ø4.5
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
25.5
22
9
10.5
25.1
10.5
139°
102°
15
35.4
12
23
23
12
35.4
10
12.9
3
34
30
27
19.6
17.6
28.5
Ø
4.5
Ø
4.5
Ø
4.5
25
4
1.2
1.2
7
/SC Fixing clip
/BEM Bracket End Mounting
/BSM Bracket Side Mounting
/ABM Adjustable Bracket
30
102º
Recommended mounting details when using multiple lengths end to
end to ensure a continuous wash of light
25.5
22
9
10.5
25.1
10.5
139°
102°
15
35.4
12
23
23
12
35.4
10
12.9
3
34
30
27
19.6
17.6
28.5
Ø
4.5
Ø
4.5
Ø
4.5
25
4
1.2
1.2
7
/SC Fixing clip
/BEM Bracket End Mounting
/BSM Bracket Side Mounting
/ABM Adjustable Bracket
9
22
140º
22
10.5
25.1
10.5
140°
102°
8
30
/SC Fixing clip
3.2
Links
Specify DIM
9
25.5
4
4
/BEM Bracket End Mounting
35.4
12
3
23
Ø4.5
12
3
23
35.4
12.9
/BSM Bracket Side Mounting
/ABM Adjustable Bracket Mounting
Fixing Options
28.5
17.6
19.6
Ø4.5
Specify DIM
4
140°
22
9
Specify DIM
Please specify the required length upon ordering. All lengths are fully custom to suit your project needs.
/SC Spring clip fixing
Ideal for mounting directly onto required
surface. Supplied with fixing clips attached
to product.
/BEM Bracket end mounting (Max1000mm).
A sturdy and strong fixing. Supplied with
fixing attached to product.
/BSM Bracket side mounting
A sturdy and strong fixing perpendicular to
the orientation of the fitting. Supplied with
fixing attached to product.
/ABM Adjustable bracket mounting
Ideal for adjusting the wash on light while
onsite. Supplied with fixing attached to
product.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com