Electronic Components Datasheet Search
  English  ▼

X  

KB4312 Datasheet(PDF) 4 Page - Kingbor Technology Co

Part # KB4312
Description  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4312 Datasheet(HTML) 4 Page - Kingbor Technology Co

  KB4312 Datasheet HTML 1Page - Kingbor Technology Co KB4312 Datasheet HTML 2Page - Kingbor Technology Co KB4312 Datasheet HTML 3Page - Kingbor Technology Co KB4312 Datasheet HTML 4Page - Kingbor Technology Co KB4312 Datasheet HTML 5Page - Kingbor Technology Co KB4312 Datasheet HTML 6Page - Kingbor Technology Co KB4312 Datasheet HTML 7Page - Kingbor Technology Co KB4312 Datasheet HTML 8Page - Kingbor Technology Co KB4312 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
KB4312
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
SHDN Pin Bias Current
Switching Frequency
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–50 C
25 C
100 C
400
350
300
250
200
150
100
50
0
SHDN = 10V
SHDN = 3.6V
SHDN = 3V
SHDN = 2.7V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
02
4
68
– 50
– 25
0
25
50
75
100
–50
–25
0
25
50
75
100
VIN (V)
TEMPERATURE ( C)
TEMPERATURE ( C)
60
Feedback Bias Current
85
Efficiency vs Temperature
VIN = 3.6V
3 LEDs
350
Current Limit vs Duty Cycle
50
40
30
20
10
84
83
82
81
ILED = 20mA
ILED = 15mA
ILED = 10mA
300
250
200
150
100
50
0
–50
–25
0
25
50
75
100
80
–50
050
100
0
0
20
40
60
80
100
TEMPERATURE ( C)
TEMPERATURE ( C)
DUTY CYCLE (%)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com