Electronic Components Datasheet Search
  English  ▼

X  

KB4312 Datasheet(PDF) 8 Page - Kingbor Technology Co

Part # KB4312
Description  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4312 Datasheet(HTML) 8 Page - Kingbor Technology Co

  KB4312 Datasheet HTML 1Page - Kingbor Technology Co KB4312 Datasheet HTML 2Page - Kingbor Technology Co KB4312 Datasheet HTML 3Page - Kingbor Technology Co KB4312 Datasheet HTML 4Page - Kingbor Technology Co KB4312 Datasheet HTML 5Page - Kingbor Technology Co KB4312 Datasheet HTML 6Page - Kingbor Technology Co KB4312 Datasheet HTML 7Page - Kingbor Technology Co KB4312 Datasheet HTML 8Page - Kingbor Technology Co KB4312 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
External components of main boost converter can be designed by performing simple calculations. It
need to follow regulation by the output voltage and the maximum load current, as well as maximum
and minimum input voltages. Begin by selecting an inductor value. Once L is know, choose the diode
and capacitors.
Inductor selection depends on input voltage, output voltage, maximum current , switching frequency
and availability of inductor values. The following boost circuit equations are useful in choosing the
inductor values based on the application. They allow the trading of peak current and inductor value
while allowing for consideration of component availability and cost.
The peak inductor current is given by:
D
I
I
I
I
I
O
LAVG
L
LAVG
Lpeak
1
2
where:
IL is the inductor peak-to-peak current ripple and is decided by:
OSC
in
L
f
D
L
V
I
D is the MOSFET turn on ratio and is decided by:
O
in
O
V
V
V
D
fOSC is the switching frequency.
The inductor should be chosen to be able to handle this current and inductor saturation current rating
should be greater than IPEAK.
The output diode has average current of IO, and peak current the same as the inductor’s peak current
and a voltage rating at least 1.5 times the output voltage. Schottky diode is recommended and it should
be able to handle those current.
The KB4312 is specially compensated to be stable with capacitors which have a worst- case minimum
value of 1uF at the particular VOUT being set. Output ripple voltage requirements also determine the
minimum value and type of capacitors. Output ripple voltage consists of two components the voltage
drop caused by the switching current through the ESR of the output capacitor and the charging and
discharging of the output capacitor:
OSC
OUT
O
O
in
O
LPEAK
RIPPLE
f
C
I
V
V
V
ESR
I
V
For low ESR ceramic capacitors, the output ripple is dominated by the charging or discharging of the
output capacitor.
8
KB4312
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
Applications Information
Boost inductor
Diode selection
Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com