Electronic Components Datasheet Search
  English  ▼

X  

2N2484 Datasheet(PDF) 9 Page - STMicroelectronics

Part # 2N2484
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 2N2484 Datasheet HTML 5Page - STMicroelectronics 2N2484 Datasheet HTML 6Page - STMicroelectronics 2N2484 Datasheet HTML 7Page - STMicroelectronics 2N2484 Datasheet HTML 8Page - STMicroelectronics 2N2484 Datasheet HTML 9Page - STMicroelectronics 2N2484 Datasheet HTML 10Page - STMicroelectronics 2N2484 Datasheet HTML 11Page - STMicroelectronics 2N2484 Datasheet HTML 12Page - STMicroelectronics 2N2484 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MIL-PRF-19500/376E
9
4.3 Screening (JANS, JANTX, and JANTXV levels only). Screening shall be in accordance with table IV of
MIL-PRF-19500, and as specified herein. The following measurements shall be made in accordance with table I
herein. Devices that exceed the limits of table I herein shall not be acceptable.
Screen (see table
IV
Measurement
of MIL-PRF-
19500)
JANS level
JANTX and JANTXV levels
3c
Thermal impedance (see 4.3.2)
Thermal impedance (see 4.3.2)
9
ICBO2, hFE4
Not applicable
10
48 hours minimum
48 hours minimum
11
ICBO2; hFE4;
∆ICBO2 = 100% of initial value or 2 nA dc,
whichever is greater.
∆hFE4 = ±15%
ICBO2 ,hFE4
12
See 4.3.1
240 hours minimum
See 4.3.1
80 hours minimum
13
Subgroups 2 and 3 of table I herein;
∆ICBO2 = 100% of initial value or 2 nA dc,
whichever is greater;
∆hFE4 = ±15%
Subgroup 2 of table I herein;
∆ICBO2 = 100% of initial value or 2 nA
dc, whichever is greater;
∆hFE4 = ±25%
4.3.1 Power burn-in conditions. Power burn-in conditions are as follows: VCB = 10 to 30 V dc:
Power shall be applied to achieve TJ = 135
°C minimum and a minimum power dissipation = 75 percent of
maximum rated PT (see 1.3). TA = room ambient as defined in 4.5 of MIL-STD-750.
NOTE: No heat sink or forced air cooling on the devices shall be permitted.
4.3.2 Thermal impedance (ZθJX measurements). The ZθJX measurements shall be performed in accordance
with method 3131 of MIL-STD-750.
a. IM measurement current -------------5 mA.
b. IH forward heating current -----------50 mA (min).
c. tH heating time -------------------------25 - 30 ms.
d. tmd measurement delay time ------60
µs max.
e. VCE collector-emitter voltage ------10 V dc minimum.
The maximum limit for ZθJX under these test conditions are ZθJX (max) = 150°C/W for 2N2484, ZθJX (max) = 67°C/W
for 2N2484UA and 2N2484UB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com